Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9044V/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM9044V/NOPB
Description  Lambda Sensor Interface Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9044V/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM9044V/NOPB Datasheet HTML 1Page - Texas Instruments LM9044V/NOPB Datasheet HTML 2Page - Texas Instruments LM9044V/NOPB Datasheet HTML 3Page - Texas Instruments LM9044V/NOPB Datasheet HTML 4Page - Texas Instruments LM9044V/NOPB Datasheet HTML 5Page - Texas Instruments LM9044V/NOPB Datasheet HTML 6Page - Texas Instruments LM9044V/NOPB Datasheet HTML 7Page - Texas Instruments LM9044V/NOPB Datasheet HTML 8Page - Texas Instruments LM9044V/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
175 k:
200:
0.01 PF
0.01 PF
100:
100:
0.01 PF
15
12
5
2
7
17
GND
VOUT
VREF
VCC
+VIN
20
10 k:
0.01 PF
-VIN
0.01 PF
+9.0V to
+16.0V
+4.75V to
+5.50V
LM9044V
VS
RF
AV = 1
AV = 4.5
RDIFF
RICH
LEAN
800 mV -
450 mV -
100 mV -
LM9044
www.ti.com
SNOSBP4D – FEBRUARY 1995 – REVISED MARCH 2013
LM9044 Lambda Sensor Interface Amplifier
Check for Samples: LM9044
1
FEATURES
DESCRIPTION
The LM9044 is a precision differential amplifier
2
•
Normal Circuit Operation Specified with Inputs
specifically designed for operation in the automotive
up to 3V Below Ground on a Single Supply.
environment. Gain accuracy is specified over the
•
Gain Factory Trimmed and Specified over
entire
automotive
temperature
range
(
−40°C to
Temperature (±3% of Full-scale from
−40°C to
+125°C) and is factory trimmed after package
+125°C)
assembly. The input circuitry has been specifically
designed to reject common-mode signals as much as
•
Low Power Consumption (Typically 1 mA)
3V below ground without the need for a negative
•
Fully Protected Inputs
voltage supply. This facilitates the use of sensors
•
Input Open Circuit Detection
which are grounded at the engine block while the
LM9044 itself is grounded at chassis potential. An
•
Operation Specified over the Entire
external capacitor on the RF pin sets the maximum
Automotive Temperature Range (
−40°C to
operating frequency of the amplifier, thereby filtering
+125°C)
high frequency transients. Both inputs are protected
against accidental shorting to the battery and against
load dump transients. The input impedance is
typically 1.2 M
Ω.
The output op amp is capable of driving capacitive
loads and is fully protected. Also, internal circuitry has
been provided to detect open circuit conditions on
either or both inputs and force the output to a “home”
position (a ratio of the external reference voltage).
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM9044V/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9044V NSC-LM9044V Datasheet
125Kb / 6P
LM9044 Lambda Sensor Interface Amplifier
More results

Similar Description - LM9044V/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9040 NSC-LM9040 Datasheet
178Kb / 10P
Dual Lambda Sensor Interface Amplifier
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
LM9044 Lambda Sensor Interface Amplifier
logo
Analog Devices
AD22050 AD-AD22050 Datasheet
148Kb / 8P
Single-Supply Sensor Interface Amplifier
AD22057 AD-AD22057 Datasheet
192Kb / 8P
Single-Supply Sensor Interface Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
SENSOR INTERFACE AMPLIFIER
logo
Analog Devices
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
Single-Supply Sensor Interface Amplifier
5/2017-Rev. A to Rev. B
logo
Bosch Sensortec GmbH
CJ125 BOSCH-CJ125 Datasheet
474Kb / 7P
Product Information Lambda Probe Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com