Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX712ESE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX712ESE
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712ESE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX712ESE Datasheet HTML 1Page - Maxim Integrated Products MAX712ESE Datasheet HTML 2Page - Maxim Integrated Products MAX712ESE Datasheet HTML 3Page - Maxim Integrated Products MAX712ESE Datasheet HTML 4Page - Maxim Integrated Products MAX712ESE Datasheet HTML 5Page - Maxim Integrated Products MAX712ESE Datasheet HTML 6Page - Maxim Integrated Products MAX712ESE Datasheet HTML 7Page - Maxim Integrated Products MAX712ESE Datasheet HTML 8Page - Maxim Integrated Products MAX712ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
Compensation input for constant current regulation loop
CC
11
Negative terminal of battery
BATT-
12
System ground. The resistor placed between BATT- and GND monitors the current into the battery.
GND
13
Current sink for driving the external PNP current source
DRV
14
Shunt regulator. The voltage on V+ is regulated to +5V with respect to BATT-, and the shunt current
powers the MAX712/MAX713.
V+
15
Trip point for the under-temperature comparator. If the MAX712/MAX713 power on with the voltage-on
TEMP less than TLO, fast charge is inhibited and will not start until TEMP rises above TLO.
TLO
6
Sense input for temperature-dependent voltage from thermistors.
TEMP
7
Open-drain, fast-charge status output. While the MAX712/MAX713 fast charge the battery,
FASTCHG
sinks current. When charge ends and trickle charge begins,
FASTCHG stops sinking current.
FASTCHG
8
PGM2 and PGM3 set the maximum time allowed for fast charging. Timeouts from 33 minutes to 264
minutes can be set by connecting to any of V+, REF, or BATT-, or by leaving the pin open (Table 3).
PGM3 also sets the fast-charge to trickle-charge current ratio (Table 5).
PGM2,
PGM3
9, 10
Trip point for the over-temperature comparator. If the voltage-on TEMP rises above THI, fast charge ends.
THI
5
PGM0 and PGM1 set the number of series cells to be charged. The number of cells can be set from
1 to 16 by connecting PGM0 and PGM1 to any of V+, REF, or BATT-, or by leaving the pin open (Table
2). For cell counts greater than 11, see the
Linear-Mode, High Series Cell Count section. Charging more
or fewer cells than the number programmed may inhibit
∆V fast-charge termination.
PGM0,
PGM1
3, 4
PIN
Positive terminal of battery
BATT+
2
Sets the maximum cell voltage. The battery terminal voltage (BATT+ - BATT-) will not exceed VLIMIT x
(number of cells). Do not allow VLIMIT to exceed 2.5V. Tie VLIMIT to VREF for normal operation.
VLIMIT
1
FUNCTION
NAME
2V reference output
REF
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com