Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7219ENG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7219ENG
Description  Serially Interfaced, 8-Digit LED Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219ENG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7219ENG Datasheet HTML 4Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 5Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 6Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 7Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 8Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 9Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 10Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 11Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Intensity Control
and Interdigit Blanking
The MAX7219/MAX7221 allow display brightness to be
controlled with an external resistor (RSET) connected
between V+ and ISET. The peak current sourced from
the segment drivers is nominally 100 times the current
entering ISET. This resistor can either be fixed or vari-
able to allow brightness adjustment from the front
panel. Its minimum value should be 9.53
Ω, which typi-
cally sets the segment current at 40mA. Display bright-
ness can also be controlled digitally by using the
intensity register.
Digital control of display brightness is provided by an
internal pulse-width modulator, which is controlled by
the lower nibble of the intensity register. The modulator
scales the average segment current in 16 steps from a
maximum of 31/32 down to 1/32 of the peak current set
by RSET (15/16 to 1/16 on MAX7221). Table 7 lists the
intensity register format. The minimum interdigit blank-
ing time is set to 1/32 of a cycle.
Serially Interfaced, 8-Digit LED Display Drivers
8
_______________________________________________________________________________________
Table 5. Code B Font
Table 6. No-Decode Mode Data Bits and
Corresponding Segment Lines
0
0
X
0
0
0
1
1
1
1
1
1
D7*
REGISTER DATA
0
7-SEGMENT
CHARACTER
D3
D6–D4
D1
D2
DP*
D0
B
A
D
C
F
E
G
1
0
X
0
0
1
1
0
ON SEGMENTS = 1
0
1
0
0
0
2
0
X
1
0
0
1
1
1
0
0
1
1
3
0
X
1
0
1
1
1
1
1
0
0
1
4
0
X
0
1
0
1
0
0
1
1
0
1
5
0
X
0
1
1
0
1
1
1
1
0
1
6
0
X
1
1
0
0
1
1
1
1
1
1
7
0
X
1
1
1
1
1
0
1
0
0
0
8
1
X
0
0
0
1
1
1
1
1
1
1
9
1
X
0
0
1
1
1
1
1
1
0
1
—
1
X
1
0
0
0
0
0
0
0
0
1
E
1
X
1
0
1
0
1
1
0
1
1
1
H
1
X
0
1
0
1
0
0
1
1
1
1
L
1
X
0
1
1
0
0
1
0
1
1
0
P
1
X
1
1
0
1
1
0
0
1
1
1
blank
1
X
1
1
1
0
0
0
0
0
0
0
*The decimal point is set by bit D7 = 1
F
E
A
G
D
C
B
STANDARD 7-SEGMENT LED
DP
A
Corresponding
Segment Line
D6
DP
C
D4
B
D5
E
D2
D
G
REGISTER DATA
D0
F
D1
D3
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com