Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX707ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX707ESA
Description  Low-Cost, uP Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX707ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX707ESA Datasheet HTML 3Page - Maxim Integrated Products MAX707ESA Datasheet HTML 4Page - Maxim Integrated Products MAX707ESA Datasheet HTML 5Page - Maxim Integrated Products MAX707ESA Datasheet HTML 6Page - Maxim Integrated Products MAX707ESA Datasheet HTML 7Page - Maxim Integrated Products MAX707ESA Datasheet HTML 8Page - Maxim Integrated Products MAX707ESA Datasheet HTML 9Page - Maxim Integrated Products MAX707ESA Datasheet HTML 10Page - Maxim Integrated Products MAX707ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Power-Fail Comparator
The power-fail comparator can be used for various pur-
poses because its output and noninverting input are
not internally connected. The inverting input is internal-
ly connected to a 1.25V reference.
To build an early-warning circuit for power failure, con-
nect the PFI pin to a voltage divider (see
Typical
Operating Circuit). Choose the voltage divider ratio so
that the voltage at PFI falls below 1.25V just before the
+5V regulator drops out. Use PFO to interrupt the µP
so it can prepare for an orderly power-down.
__________Applications Information
Ensuring a Valid RESET
Output Down to VCC = 0V
When VCC falls below 1V, the MAX705-MAX708 RESET
output no longer sinks current—it becomes an open cir-
cuit. High-impedance CMOS logic inputs can drift to
undetermined voltages if left undriven. If a pull-down
resistor is added to the RESET pin as shown in Figure 5,
any stray charge or leakage currents will be drained to
ground, holding RESET low. Resistor value (R1) is not
critical. It should be about 100k
Ω, large enough not to
load RESET and small enough to pull RESET to ground.
Monitoring Voltages Other Than the
Unregulated DC Input
Monitor voltages other than the unregulated DC by
connecting a voltage divider to PFI and adjusting the
ratio appropriately. If required, add hysteresis by con-
necting a resistor (with a value approximately 10 times
the sum of the two resistors in the potential divider net-
work) between PFI and PFO. A capacitor between PFI
and GND will reduce the power-fail circuit’s sensitivity
to high-frequency noise on the line being monitored.
RESET can be asserted on other voltages in addition to
the +5V VCC line. Connect PFO to MR to initiate a RESET
pulse when PFI drops below 1.25V. Figure 6 shows the
MAX705-MAX708 configured to assert RESET when the
+5V supply falls below the reset threshold, or when the
+12V supply falls below approximately 11V.
Monitoring a Negative Voltage
The power-fail comparator can also monitor a negative
supply rail (Figure 7). When the negative rail is good (a
negative voltage of large magnitude), PFO is low, and
when the negative rail is degraded (a negative voltage
of lesser magnitude), PFO is high. By adding the resis-
tors and transistor as shown, a high PFO triggers reset.
As long as PFO remains high, the MAX705-
MAX708/MAX813L will keep reset asserted (RESET =
low, RESET = high). Note that this circuit’s accuracy
depends on the PFI threshold tolerance, the VCC line,
and the resistors.
Low-Cost, µP Supervisory Circuits
_______________________________________________________________________________________
7
tWP
tWD
tWD
tWD
+5V
0V
WDI
+5V
0V
WDO
+5V
0V
RESET
+5V
0V
(RESET)
tRS
( ) ARE FOR MAX813L ONLY.
RESET EXTERNALLY
TRIGGERED BY MR
Figure 3. MAX705/MAX706/MAX813L Watchdog TIming
Figure 4. MAX705/MAX706 RESET, MR, and WDO Timing with
WDI Three-Stated. The MAX707/MAX708/MAX813L RESET
output is the inverse of RESET shown.
tRS
tRS
+5V
0V
RESET
WDO
+5V
0V
MR
tMR
MR EXTERNALLY DRIVEN LOW
+5V
0V
VCC
VRT
VRT
tMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com