Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX690TC/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX690TC/D
Description  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690TC/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX690TC/D Datasheet HTML 1Page - Maxim Integrated Products MAX690TC/D Datasheet HTML 2Page - Maxim Integrated Products MAX690TC/D Datasheet HTML 3Page - Maxim Integrated Products MAX690TC/D Datasheet HTML 4Page - Maxim Integrated Products MAX690TC/D Datasheet HTML 5Page - Maxim Integrated Products MAX690TC/D Datasheet HTML 6Page - Maxim Integrated Products MAX690TC/D Datasheet HTML 7Page - Maxim Integrated Products MAX690TC/D Datasheet HTML 8Page - Maxim Integrated Products MAX690TC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
These microprocessor (µP) supervisory circuits reduce
the complexity and number of components required for
power-supply monitoring and battery-control functions
in µP systems. They significantly improve system relia-
bility and accuracy compared to separate ICs or
discrete components.
These devices are designed for use in systems powered
by 3.0V or 3.3V supplies. See the selector guide in the
back of this data sheet for similar devices designed for
5V systems. The suffixes denote different reset threshold
voltages: 3.075V (T), 2.925V (S), and 2.625V (R) (see
Reset Threshold section in the Detailed Description). All
these parts are available in 8-pin DIP and SO packages.
Functions offered in this series are as follows:
________________________Applications
Battery-Powered Computers and Controllers
Embedded Controllers
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
Portable Equipment
____________________________Features
o
–
R
—
E
—
S
—
E
—
T
–
and RESET Outputs
o Manual Reset Input
o Precision Supply-Voltage Monitor
o 200ms Reset Time Delay
o Watchdog Timer (1.6sec timeout)
o Battery-Backup Power Switching—
Battery Can Exceed VCC in Normal Operation
o 40µA VCC Supply Current
o 1µA Battery Supply Current
o Voltage Monitor for Power-Fail or
Low-Battery Warning
o Guaranteed
–
R
—
E
—
S
—
E
—
T
–
Assertion to VCC = 1V
o 8-Pin DIP and SO Packages
______________Ordering Information
Ordering Information continued on last page.
* Contact factory for dice specifications.
** These parts offer a choice of reset threshold voltage. Select
the letter corresponding to the desired nominal reset threshold
voltage (T = 3.075V, S = 2.925V, R = 2.625V) and insert it into
the blank to complete the part number.
3.0V/3.3V Microprocessor Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
MAX690T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
0.1
µF
VOUT
RESET
(RESET)
PFO
WDI
R1
VBATT
VCC
GND
GND
GND
VCC
0.1
µF
0.1
µF
3.6V
LITHIUM
BATTERY
CMOS RAM
µP
VCC
RESET
NMI
I/O LINE
UNREGULATED
DC
REGULATED +3.3V OR +3.0V
R2
BUS
( ) ARE FOR MAX804T/S/R, MAX805T/S/R
PFI
See last page for MAX704T/S/R, MAX806T/S/R.
__________________Pin Configuration
1
2
3
4
8
7
6
5
DIP/SO
TOP VIEW
PFO
VBATT
RESET (RESET)
WDI
<MR>
VOUT
VCC
GND
PFI
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX804T/S/R
MAX805T/S/R
MAX806T/S/R
( ) ARE FOR MAX804T/S/R, MAX805T/S/R
< > ARE FOR MAX704T/S/R, MAX806T/S/R
_________Typical Operating Circuits
Call toll free 1-800-998-8800 for free samples or literature.
19-0243; Rev 1; 9/94
PART**
TEMP. RANGE
MAX690_CPA
0°C to +70°C
MAX690_CSA
0°C to +70°C
MAX690_C/D
0°C to +70°C
Dice*
8 SO
8 Plastic DIP
PIN-PACKAGE
Part
MAX690_EPA
-40°C to +85°C
MAX690_ESA
-40°C to +85°C
MAX690_MJA
-55°C to +125°C
8 CERDIP
8 SO
8 Plastic DIP
MAX690


±4%

±75mV
MAX704


±4%

±75mV
MAX802


±2%

±2%
MAX804


±2%

±2%
MAX805


±4%

±75mV
MAX806


±2%

±2%


Similar Part No. - MAX690TC/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T Datasheet
1Mb / 13P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
3.0V/3.3V Microprocessor Supervisory Circuits
2015
More results

Similar Description - MAX690TC/D

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
3.0V/3.3V Microprocessor Supervisory Circuits
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com