Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX709MESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX709MESA
Description  Power-Supply Monitor with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX709MESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX709MESA Datasheet HTML 1Page - Maxim Integrated Products MAX709MESA Datasheet HTML 2Page - Maxim Integrated Products MAX709MESA Datasheet HTML 3Page - Maxim Integrated Products MAX709MESA Datasheet HTML 4Page - Maxim Integrated Products MAX709MESA Datasheet HTML 5Page - Maxim Integrated Products MAX709MESA Datasheet HTML 6Page - Maxim Integrated Products MAX709MESA Datasheet HTML 7Page - Maxim Integrated Products MAX709MESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Power-Supply Monitor with Reset
4
_______________________________________________________________________________________
__________Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the microprocessor
(µP) during power-up, power-down, and brownout con-
ditions, the MAX709 is relatively immune to short dura-
tion negative-going VCC transients (glitches).
Figure 1 shows typical transient duration vs. reset com-
parator overdrive, for which the MAX709 does not gen-
erate a reset pulse. The graph was generated using a
negative-going pulse applied to VCC, starting 1.5V
above the actual reset threshold and ending below it
by the magnitude indicated (reset comparator over-
drive). The graph indicates the typical maximum pulse
width that a negative-going VCC transient may have
without causing a reset pulse to be issued. As the
magnitude of the transient increases (goes farther
below the reset threshold), the maximum allowable
pulse
width
decreases.
Typically,
for
the
MAX709L/MAX709M, a VCC transient that goes 100mV
below the reset threshold and lasts 40µs or less will not
cause a reset pulse to be issued.
A 0.1µF bypass capacitor mounted as close as possible
to pin 2 (VCC) provides additional transient immunity.
Ensuring a Valid RESET Output
Down to VCC = 0V
When VCC falls below 1V, the MAX709 RESET output
no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to the RESET output can drift to undermined
voltages. This presents no problem in most applica-
tions, since most µP and other circuitry is inoperative
with VCC below 1V. However, in applications where the
RESET output must be valid down to 0V, adding a pull-
down resistor to the RESET pin will cause any stray
leakage currents to flow to ground, holding RESET low
(see Figure 2). The resistance value of R1 is not criti-
cal. It should be about 100k
Ω, which is large enough
not to load RESET and small enough to pull RESET to
ground.
____________________Pin Description
PIN
NAME
FUNCTION
N.C.
No Connect. There is no internal
connection to this pin.
2
VCC
+5V, +3.3V, or +3V Supply Voltage
3
GND
Ground
7
RESET
1, 4, 5,
6, 8
Reset Output remains low while VCC is
below the reset threshold, and for
280ms after VCC rises above the reset
threshold.
150
0
10
100
10k
50
100
RESET COMPARATOR OVERDRIVE, VTH - VCC (mV)
1k
MAX709L/M
MAX709R/S/T
TA = +25°C
10ns
Figure 1. Maximum Transient Duration without Causing a
Reset Pulse vs. Reset Comparator Overdrive



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com