Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7490EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7490EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7490EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7490EEE Datasheet HTML 1Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 2Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 3Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 4Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 5Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 6Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 7Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 8Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX7490/MAX7491 consist of two identical low-
power, low-voltage, wide dynamic range, Rail-to-Rail®,
2nd-order switched-capacitor building blocks. Each of
the two filter sections, together with two to four external
resistors, can generate all standard 2nd-order func-
tions: bandpass, lowpass, highpass, and notch (band
reject). Three of these functions are simultaneously
available. Fourth-order filters can be obtained by cas-
cading the two 2nd-order filter sections. Similarly, high-
er order filters can easily be created by cascading
multiple MAX7490/MAX7491s.
Two clocking options are available: self-clocking
(through the use of an external capacitor) or external
clocking for tighter cutoff frequency control. The clock-
to-center frequency ratio is 100:1. Sampling is done at
twice the clock frequency, further separating the cutoff
frequency and Nyquist frequency.
The MAX7490/MAX7491 have an internal rail splitter
that establishes a precise common voltage needed for
single-supply operation. The MAX7490 operates from a
single +5V supply and the MAX7491 operates from a
single +3V supply. Both devices feature a low-power
shutdown mode and come in a 16-pin QSOP package.
________________________Applications
Tunable Active Filters
Multipole Filters
ADC Anti-Aliasing
Post-DAC Filtering
Adaptive Filtering
Phase-Locked Loops (PLLs)
Set-Top Boxes
Features
o Dual 2nd-Order Filter in a 16-Pin QSOP Package
o High Accuracy
Q Accuracy: ±0.2%
Clock-to-Center Frequency Error: ±0.2%
o Rail-to-Rail Input and Output Operation
o Single-Supply Operation: +5V (MAX7490)
or +3V (MAX7491)
o Internal or External Clock
o Highpass, Lowpass, Bandpass, and Notch Filters
o Clock-to-Center Frequency Ratio of 100:1
o Internal Sampling-to-Center Frequency Ratio
of 200:1
o Center Frequency up to 40kHz
o Easily Cascaded for Multipole Filters
o Low-Power Shutdown: <1µA Supply Current
Dual Universal Switched-Capacitor Filters
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LPA
LPB
BPB
NB/HPB
INVB
SB
COM
EXTCLK
CLK
TOP VIEW
MAX7490
MAX7491
QSOP
BPA
NA/HPA
SHDN
INVA
SA
GND
VDD
Pin Configuration
19-1768; Rev 0; 7/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
PART
TEMP. RANGE
PIN-
PACKAGE
SUPPLY
VOLTAGE
(+V)
MAX7490CEE
0
°C to +70°C
16 QSOP
5
MAX7490EEE
-40
°C to +85°C
16 QSOP
5
MAX7491CEE
0
°C to +70°C
16 QSOP
3
MAX7491EEE
-40
°C to +85°C
16 QSOP
3
Typical Application Circuit appears at end of data sheet.


Similar Part No. - MAX7490EEE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX7490EEE AD-MAX7490EEE Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1
logo
Maxim Integrated Produc...
MAX7490EEE+ MAXIM-MAX7490EEE+ Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
More results

Similar Description - MAX7490EEE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
Universal Monolithic Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
MF10-N Universal Monolithic Dual Switched Capacitor Filter
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
LMF100 Dual High-Performance Switched Capacitor Filters
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
MF10-N Universal Monolithic Dual Switched Capacitor Filter
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com