Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX690RC/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX690RC/D
Description  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690RC/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX690RC/D Datasheet HTML 4Page - Maxim Integrated Products MAX690RC/D Datasheet HTML 5Page - Maxim Integrated Products MAX690RC/D Datasheet HTML 6Page - Maxim Integrated Products MAX690RC/D Datasheet HTML 7Page - Maxim Integrated Products MAX690RC/D Datasheet HTML 8Page - Maxim Integrated Products MAX690RC/D Datasheet HTML 9Page - Maxim Integrated Products MAX690RC/D Datasheet HTML 10Page - Maxim Integrated Products MAX690RC/D Datasheet HTML 11Page - Maxim Integrated Products MAX690RC/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3.0V/3.3V Microprocessor Supervisory Circuits
______________________________________________________________________________________
11
MAX690T/S/R
MAX704T/S/R
MAX802T/S/R
MAX806T/S/R
VCC
GND
RESET
VCC
GND
4.7k
RESET
µP
BUFFERED RESET TO OTHER SYSTEM COMPONENTS
100
0
10
100
1000
20
RESET COMPARATOR OVERDRIVE (VRST - VCC) (mV)
40
60
80
VCC = 3.3V
TA = +25°C
Figure 6. Interfacing to µPs with Bidirectional Reset I/O
Figure 7. Maximum Transient Duration without Causing a
Reset Pulse vs. Reset Comparator Overdrive
MAX704T/S/R
MAX806T/S/R
VOUT
RESET
VBATT
VCC
GND
0.1µF
3.6V
PFI
MR
0.1µF
0.1µF
RAM
µP
3.0V OR 3.3V
_Typical Operating Circuits (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com