Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7491EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX7491EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7491EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX7491EEE Datasheet HTML 10Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 11Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 12Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 13Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 14Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 15Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 16Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 17Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Wideband Noise
The wideband noise of the filter is the total RMS value
of the device’s noise spectral density and is used to
determine the operating SNR. Most of its frequency
contents lie within the filter’s passband and cannot be
reduced with postfiltering. The total noise depends
mainly on the Q of each filter section and the cascade
sequence. Therefore, in multistage filters, the section
with the highest Q should be placed first for lower out-
put noise.
Multiple Filter Stages
In some designs, such as very narrow band filters, or in
modes where fO cannot be tuned with resistors, several
2nd-order sections with identical fO may be cascaded
without multiple feedback. The total Q of the resultant
filter (QT) is:
Total QT = Q / (2N - 1)1/2
Q is the Q of each individual filter section, and N is the
number of 2nd-order sections. In Table 5, the total Q
and total bandwidth (BW) are listed for up to five identi-
cal 2nd-order sections. B is the bandwidth of each sec-
tion.
Chip Information
TRANSISTOR COUNT: 1439
TECHNOLOGY: BiCMOS
Dual Universal Switched-Capacitor Filters
16
______________________________________________________________________________________
TOTAL SECTIONS
TOTAL BW
TOTAL Q
1
1.000 B
1.00 Q
2
0.644 B
1.55 Q
3
0.510 B
1.96 Q
4
0.435 B
2.30 Q
5
0.386 B
2.60 Q
Table 5. Cascading Identical Bandpass
Filter Sections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com