Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1815MX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM1815MX/NOPB
Description  LM1815 Adaptive Variable Reluctance Sensor Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1815MX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM1815MX/NOPB Datasheet HTML 1Page - Texas Instruments LM1815MX/NOPB Datasheet HTML 2Page - Texas Instruments LM1815MX/NOPB Datasheet HTML 3Page - Texas Instruments LM1815MX/NOPB Datasheet HTML 4Page - Texas Instruments LM1815MX/NOPB Datasheet HTML 5Page - Texas Instruments LM1815MX/NOPB Datasheet HTML 6Page - Texas Instruments LM1815MX/NOPB Datasheet HTML 7Page - Texas Instruments LM1815MX/NOPB Datasheet HTML 8Page - Texas Instruments LM1815MX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM1815
www.ti.com
SNOSBU8F – SEPTEMBER 2000 – REVISED MARCH 2013
LM1815 Adaptive Variable Reluctance Sensor Amplifier
Check for Samples: LM1815
1
FEATURES
DESCRIPTION
The LM1815 is an adaptive sense amplifier and
2
•
Adaptive Hysteresis
default gating circuit for motor control applications.
•
Single Supply Operation
The sense amplifier provides a one-shot pulse output
•
Ground Referenced Input
whose leading edge coincides with the negative-
going zero crossing of a ground referenced input
•
True Zero Crossing Timing Reference
signal such as from a variable reluctance magnetic
•
Operates from 2V to 12V Supply Voltage
pick-up coil.
•
Handles Inputs from 100 mVP-P to over 120VP-P
In normal operation, this timing reference signal is
with External Resistor
processed (delayed) externally and returned to the
•
CMOS Compatible Logic
LM1815. A Logic input is then able to select either
the timing reference or the processed signal for
APPLICATIONS
transmission to the output driver stage.
•
Position Sensing with Notched Wheels
The adaptive sense amplifier operates with a positive-
going threshold which is derived by peak detecting
•
Zero Crossing Switch
the incoming signal and dividing this down. Thus the
•
Motor Speed Control
input hysteresis varies with input signal amplitude.
•
Tachometer
This enables the circuit to sense in situations where
•
Engine Testing
the high speed noise is greater than the low speed
signal amplitude. Minimum input signal is 150mVP-P.
Connection Diagram
Figure 1. Top View
14-Lead SOIC or PDIP
See D or NFF0014A Package
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM1815MX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1815MX/NOPB TI2-LM1815MX/NOPB Datasheet
1,005Kb / 18P
LM1815 Adaptive Variable Reluctance Sensor Amplifier
REVISED MARCH 2013
LM1815MX/NOPB.B TI2-LM1815MX/NOPB.B Datasheet
1,005Kb / 18P
LM1815 Adaptive Variable Reluctance Sensor Amplifier
REVISED MARCH 2013
More results

Similar Description - LM1815MX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1815 NSC-LM1815 Datasheet
133Kb / 6P
Adaptive Variable Reluctance Sensor Amplifier
logo
ON Semiconductor
NCV7001 ONSEMI-NCV7001 Datasheet
74Kb / 8P
Quad Variable Reluctance Sensor Interface IC
October, 2003 ??Rev. 2
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924 Datasheet
317Kb / 22P
Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 0; 10/08
MAX9924 MAXIM-MAX9924_09 Datasheet
527Kb / 23P
Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 2; 3/09
logo
National Semiconductor ...
LM1815EP NSC-LM1815EP Datasheet
441Kb / 12P
Enhanced Plastic Adaptive Variable Reluctance Sensor Amplifier
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924_11 Datasheet
399Kb / 23P
Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 3; 3/11
MAX9924 MAXIM-MAX9924_12 Datasheet
348Kb / 23P
Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 4; 3/12
logo
Texas Instruments
LM1815MX TI1-LM1815MX Datasheet
1Mb / 17P
LM1815 Adaptive Variable Reluctance Sensor Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM1815 ARTSCHIP-LM1815 Datasheet
366Kb / 7P
Adaptive Variable Reluctance Sensor Amplifier
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924_V01 Datasheet
1Mb / 23P
Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
19-4283; Rev 5; 8/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com