Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX769 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX769
Description  2 or 3-Cell, Step-Up/Down, Two-Way Pager System IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX769 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX769 Datasheet HTML 8Page - Maxim Integrated Products MAX769 Datasheet HTML 9Page - Maxim Integrated Products MAX769 Datasheet HTML 10Page - Maxim Integrated Products MAX769 Datasheet HTML 11Page - Maxim Integrated Products MAX769 Datasheet HTML 12Page - Maxim Integrated Products MAX769 Datasheet HTML 13Page - Maxim Integrated Products MAX769 Datasheet HTML 14Page - Maxim Integrated Products MAX769 Datasheet HTML 15Page - Maxim Integrated Products MAX769 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2 or 3-Cell, Step-Up/Down,
Two-Way Pager System IC
______________________________________________________________________________________
13
All DC-DC converter and charging circuitry is disabled
when the backup regulator is turned on, but all other
functions remain active. Activate BACKUP manually or by
serial command, or set it to trigger automatically via LBO.
Automatic Backup
Setting the LBO_Sets_BACKUP serial bit (Table 1) pro-
grams the IC so that when LBO goes low, the backup
regulator automatically turns on without instructions from
the microprocessor (µP). When the LBO_Sets_BACKUP
bit is 0, the backup regulator is turned on only by setting
the BACKUP bit. The BACKUP bit also overrides the
LBO_Sets_BACKUP bit. Figure 3 shows the logic for this
function.
If the main battery is depleted and the NiCd battery is
drained during backup, RSO goes low while the back-
up regulator is supplying OUT (if RSI is used to monitor
OUT or REG1). When RSO falls, the serial registers
reset to their POR states (with the DC-DC converter on
in Coast Mode and the backup regulator off, see
Tables 1, 2, and 3). This prevents the IC from getting
hung up with the DC-DC converter off when a new main
battery is inserted. This sequence is required because
if the MAX769 did not default to “DC-DC converter on”
when coming out of reset, the µP (still reset by RSO)
would not be able to provide the device with serial
instructions to turn on.
Serial Interface
The MAX769 has an SPI-compatible serial interface.
The serial-interface lines are Chip Select (CS), Serial
Clock (SCL), Serial Data In (SDI), and Serial Data Out
(SDO). Serial input data is arranged in 8-bit bytes. Most
bytes contain a 3-bit address pointer (R2, R1, R0)
along with 5 bits of input data (D4–D0). For common
operations such as selecting Run or Coast Mode, acti-
vating REG2 or REG3, or turning on DR1 or DR2, only
the 000 (R2, R1, R0) address register needs to be writ-
ten. The serial input data format for all MAX769 opera-
tions is outlined in Tables 1, 2, and 3.
15mA_CHG
1mA_CHG
TO
CHARGER
CONTROL
TO
BACKUP
REGULATOR
BACKUP
LBO_SETS_BACKUP
LBO
Figure 3. Logic for Charger Control and BACKUP and for
LBO_Sets_BACKUP Serial Input Bits
2.5
1
0
1
1
0
4.9
1
1
1
1
1
4.8
1
1
0
1
1
4.7
0
1
1
1
1
4.6
0
1
0
1
1
4.5
1
1
1
0
1
4.4
1
1
0
0
1
4.3
0
1
1
0
1
4.2
0
1
0
0
1
4.1
1
0
1
1
1
4.0
1
0
0
1
1
3.9
0
0
1
1
1
3.8
0
0
0
1
1
3.7
1
0
1
0
1
3.6
1
0
0
0
1
3.5
0
0
1
0
1
3.4
0
0
0
0
1
3.3
1
1
1
1
0
3.2
1
1
0
1
0
3.1
0
1
1
1
0
3.0
0
1
0
1
0
2.9
1
1
1
0
0
2.8
1
1
0
0
0
2.7
0
1
1
0
0
2.6
0
1
0
0
0
2.4
1
0
0
1.9
1.8
1
0
VOUT
(V)
2.3
0
0
0
0
OV1
1
1
0
2.2
0
0
0
OV3
0
0
1
0
2.1
1
0
1
0
0
2.0
1
0
0
0
0
0
OV0
OV2
OV4
1
0
0
0
0
Table 5. VOUT Output Voltage
SERIAL-DATA BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com