Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX770 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX770
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX770 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX770 Datasheet HTML 1Page - Maxim Integrated Products MAX770 Datasheet HTML 2Page - Maxim Integrated Products MAX770 Datasheet HTML 3Page - Maxim Integrated Products MAX770 Datasheet HTML 4Page - Maxim Integrated Products MAX770 Datasheet HTML 5Page - Maxim Integrated Products MAX770 Datasheet HTML 6Page - Maxim Integrated Products MAX770 Datasheet HTML 7Page - Maxim Integrated Products MAX770 Datasheet HTML 8Page - Maxim Integrated Products MAX770 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V+ to GND.............................................................-0.3V to 17V
V+ to SGND.............................................................-0.3V to 7V
SGND........................................................-0.3V to (V+ + 0.3V)
EXT, CS, REF, LBO, LBI, SHDN, FB.............-0.3V to (V+ + 0.3V)
EXTH, EXTL ..................................................-0.3V to (V+ + 0.3V)
V5, V12, V15 .............................................................-0.3V to 17V
GND to AGND .........................................................0.1V to -0.1V
ISGND ..................................................................................50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C)....727mW
8-Pin SO (derate 5.88mW/°C above +70°C) ................471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C) ........640mW
14-Pin Plastic DIP
(derate 10.00mW/°C above +70°C) .............................800mW
14-Pin SO (derate 8.33mW/°C above +70°C) ..............667mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C) ......727mW
Operating Temperature Ranges
MAX77_C_ _ ........................................................0°C to +70°C
MAX77_E_ _......................................................-40°C to +85°C
MAX77_MJ_ ...................................................-55°C to +125°C
Junction Temperatures
MAX77_C_ _/E_ _ ..........................................................+150°C
MAX77_MJ_..................................................................+175°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V+ = 5V, ILOAD = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
85
110
µA
Standby Current
2
5
µA
4
Output Voltage (Note 1)
V+ = 2.0V to 5.0V, over full load range
4.80
5.0
5.20
V
V+ = 2.0V to 12.0V, over full load range
11.52
12.0
12.48
V+ = 2.0V to 15.0V, over full load range
14.40
15.0
15.60
Figure 2a, V+ = 2.7V to 4.5V,
ILOAD = 700mA, VOUT = 5V
5
mV/V
Figure 2a, V+ = 3V, ILOAD = 30mA to 1A,
VOUT = 5V
20
mV/A
Maximum Switch On-Time
tON(max)
12
16
20
µs
Minimum Switch Off-Time
tOFF(min)
1.8
2.3
2.8
µs
Efficiency
87
%
Reference Voltage
VREF
IREF = 0µA
MAX77_C
1.4700
1.5
1.5300
V
MAX77_E
1.4625
1.5
1.5375
MAX77_M
1.4550
1.5
1.5450
Output Voltage Line Regulation
(Note 2)
Output Voltage Load Regulation
(Note 2)
V+ = 4V, ILOAD = 500mA, VOUT = 5V
V+ = 10.0V, SHDN
≥ 1.6V (shutdown)
V+ = 16.5V, SHDN
≥ 1.6V (shutdown)
V+ = 16.5V, SHDN = 0V (normal operation)
Minimum Start-Up Voltage
MAX770/MAX771/MAX772
1.8
2.0
V
MAX770–772 (internal feedback resistors)
2.0
16.5
MAX770–772C/E (external resistors)
3.0
16.5
MAX770–772MJA (external resistors)
3.1
16.5
MAX773C/E
3.0
16.5
MAX773MJD
3.1
16.5
Input Voltage Range
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com