Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2025 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF2025
Description  REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2025 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF2025_15 Datasheet HTML 2Page - Texas Instruments REF2025_15 Datasheet HTML 3Page - Texas Instruments REF2025_15 Datasheet HTML 4Page - Texas Instruments REF2025_15 Datasheet HTML 5Page - Texas Instruments REF2025_15 Datasheet HTML 6Page - Texas Instruments REF2025_15 Datasheet HTML 7Page - Texas Instruments REF2025_15 Datasheet HTML 8Page - Texas Instruments REF2025_15 Datasheet HTML 9Page - Texas Instruments REF2025_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
0
10
20
30
40
V
REF and VBIAS Matching (ppm)
C004
0
10
20
30
40
50
60
0
1
2
3
4
5
6
V
REF and VBIAS Tracking Over Temperature (ppm/SC)
C016
0
10
20
30
40
50
60
70
80
V
BIAS Initial Accuracy (%)
C008
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
V
BIAS Drift Distribution (ppm/SC)
C015
0
10
20
30
40
50
60
70
V
REF Initial Accuracy (%)
C010
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
V
REF Drift Distribution (ppm/SC)
C015
REF2025, REF2030, REF2033, REF2041
SBOS600B – MAY 2014 – REVISED JULY 2014
www.ti.com
7.6 Typical Characteristics
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
–40°C
≤ TA ≤ 125°C
Figure 1. Initial Accuracy Distribution (VREF)
Figure 2. Drift Distribution (VREF)
–40°C
≤ TA ≤ 125°C
Figure 3. Initial Accuracy Distribution (VBIAS)
Figure 4. Drift Distribution (VBIAS)
–40°C
≤ TA ≤ 85°C
Figure 6. Distribution of VREF – 2 × VBIAS Drift Tracking
Figure 5. VREF – 2 × VBIAS Distribution
Over Temperature
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: REF2025 REF2030 REF2033 REF2041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com