Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSO28 Datasheet(PDF) 7 Page - International Rectifier

Part # LSO28
Description  28V Input, Single/Dual Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO28 Datasheet(HTML) 7 Page - International Rectifier

Back Button LSO28_15 Datasheet HTML 3Page - International Rectifier LSO28_15 Datasheet HTML 4Page - International Rectifier LSO28_15 Datasheet HTML 5Page - International Rectifier LSO28_15 Datasheet HTML 6Page - International Rectifier LSO28_15 Datasheet HTML 7Page - International Rectifier LSO28_15 Datasheet HTML 8Page - International Rectifier LSO28_15 Datasheet HTML 9Page - International Rectifier LSO28_15 Datasheet HTML 10Page - International Rectifier LSO28_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.irf.com
7
LSO SERIES
28V Input, Single/Dual Output
Notes for Electrical Performance Characteristics Table
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter
shall be guaranteed to the limits specified.
2.
Parameter verified during line and load regulation tests.
3.
Output load current must be distributed such that at least 20% of the total load current is being provided by
one of the outputs.
4.
Load current split equally between outputs on dual output models.
5.
Cross regulation is measured with 20% rated load on output under test while changing the load on the
other output from 20% to 80% of rated.
6.
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth using the circuit
shown in Fig.1.
7.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. For
a capacitive load in excess of the maximum limit, consult the factory.
8.
Overload power dissipation is defined as the device power dissipation with the load set such that VOUT =
90% of nominal.
9.
Load step transition time
≤ 10µs.
10. Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of
its steady state value.
11. Line step transition time
≤ 100µs.
12. Turn-on delay time from either a step application of input power or a logic low to a logic high transition on
the inhibit pin (pin 3) to the point where VOUT = 90% of nominal.
13. End of ife (EOL) is
±3%
14. MIL-HDBK MOSFET failure rates replaced by empirical failure rate data supplied by Intenational Rectifier.
Radiation Performance Characteristics
Fig. 1 - Circuit for measuring Output Ripple Voltage
2XWSXW
'87
5HWXUQ
50
Ω
0.1 F
µ
1 F
µ
P†pvyy‚†p‚ƒr…Ãr„ˆv‰hyr‡Ã
v‡uà ÃHC“Ãihqvq‡uÃ
€ˆy‡vƒy’Ã…rhqvtÃi’Ã!
50Ω Coax
S/s‚…ÃD5$7('
50
Ω
Termination
Test Inspection
Method
Min
Typ
Unit
MIL-PRF-883, Method 1019
Total Ionizing Dose (Gamma)
Operating bias applied during exposure,
100
150
Krads(Si)
Full Rated Load, VIN = 28V
Heavy Ions (LET)
Single Event Effects
Operating bias applied during exposure,
SEU, SEL, SEGR, SEB
Full Rated Load, VIN = 28V
82
MeVxcm
2/mg
Test lab: Cyclotron Institute
Texas A & M University



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com