Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX770ESA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX770ESA
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX770ESA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX770ESA Datasheet HTML 12Page - Maxim Integrated Products MAX770ESA Datasheet HTML 13Page - Maxim Integrated Products MAX770ESA Datasheet HTML 14Page - Maxim Integrated Products MAX770ESA Datasheet HTML 15Page - Maxim Integrated Products MAX770ESA Datasheet HTML 16Page - Maxim Integrated Products MAX770ESA Datasheet HTML 17Page - Maxim Integrated Products MAX770ESA Datasheet HTML 18Page - Maxim Integrated Products MAX770ESA Datasheet HTML 19Page - Maxim Integrated Products MAX770ESA Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
The standard operating circuits use a 22µH inductor.
If a different inductance value is desired, select L
such that:
VIN(max) x tON(min)
L
≥ ——————————
ILIM/ 2
Larger inductance values tend to increase the start-up
time slightly, while smaller inductance values allow the
coil current to ramp up to higher levels before the
switch turns off, increasing the ripple at light loads.
Inductors with a ferrite core or equivalent are recom-
mended; powder iron cores are not recommended for
use with high switching frequencies. Make sure the
inductor’s saturation current rating (the current at which
the core begins to saturate and the inductance starts to
fall) exceeds the peak current rating set by RSENSE.
However, it is generally acceptable to bias the inductor
into saturation by approximately 20% (the point where
the inductance is 20% below the nominal value). For
highest efficiency, use a coil with low DC resistance,
preferably under 20m
Ω. To minimize radiated noise,
use a toroid, a pot core, or a shielded coil.
Table 2 lists inductor suppliers and specific recom-
mended inductors.
Power Transistor Selection
Use an N-channel MOSFET power transistor with the
MAX770/MAX771/MAX772 (Figure 8a).
Use an N-FET whenever possible with the MAX773. An
NPN transistor can be used, but be extremely careful
when determining the base current (see
NPN
Transistors section). An NPN transistor is not recom-
mended when using the shunt regulator.
N-Channel MOSFETs
To ensure the external N-channel MOSFET (N-FET) is
turned on hard, use logic-level or low-threshold
N-FETs when the input drive voltage is less than 8V. This
applies even in bootstrapped mode, to ensure start-up.
N-FETs provide the highest efficiency because they do
not draw any DC gate-drive current, but they are typi-
cally more expensive than NPN transistors. When using
an N-FET with the MAX773, connect EXTH and EXTL to
the N-FET’s gate (Figure 8b).
When selecting an N-FET, three important parameters
are the total gate charge (Qg), on resistance (rDS(ON)),
and reverse transfer capacitance (CRSS).
Qg takes into account all capacitances associated with
charging the gate. Use the typical Qg value for best
results; the maximum value is usually grossly over-
specified since it is a guaranteed limit and not the mea-
sured value. The typical total gate charge should be
50nC or less. With larger numbers, the EXT pins may
not be able to adequately drive the gate. The EXT
rise/fall time with various capacitive loads as shown in
the
Typical Operating Characteristics.
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
16
______________________________________________________________________________________
MAX770
MAX771
MAX772
N
EXT
CS
RSENSE
MAX773
NPN
EXTH
EXTL
CS
L
RSENSE
RBASE
IC(PEAK)
IB
Figure 8a. Use an N-Channel MOSFET with the
MAX770/MAX771/MAX772
Figure 8b. Using an N-Channel MOSFET with the MAX773
Figure 8c. Using an NPN Transistor with the MAX773
MAX773
N
EXTH
EXTL
CS
L
RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com