Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX765ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX765ESA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX765ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX765ESA Datasheet HTML 4Page - Maxim Integrated Products MAX765ESA Datasheet HTML 5Page - Maxim Integrated Products MAX765ESA Datasheet HTML 6Page - Maxim Integrated Products MAX765ESA Datasheet HTML 7Page - Maxim Integrated Products MAX765ESA Datasheet HTML 8Page - Maxim Integrated Products MAX765ESA Datasheet HTML 9Page - Maxim Integrated Products MAX765ESA Datasheet HTML 10Page - Maxim Integrated Products MAX765ESA Datasheet HTML 11Page - Maxim Integrated Products MAX765ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
8
_______________________________________________________________________________________
_______________Detailed Description
Operating Principle
The MAX764/MAX765/MAX766 are BiCMOS, inverting,
switch-mode power supplies that provide fixed outputs
of -5V, -12V, and -15V, respectively; they can also be
set to any desired output voltage using an external
resistor divider. Their unique control scheme combines
the advantages of pulse-frequency modulation (pulse
skipping) and pulse-width modulation (continuous puls-
ing). The internal P-channel power MOSFET allows
peak currents of 0.75A, increasing the output current
capability over previous pulse-frequency-modulation
(PFM) devices. Figure 1 shows the MAX764/MAX765/
MAX766 block diagram.
The MAX764/MAX765/MAX766 offer three main
improvements over prior solutions:
1) They can operate with miniature (less than 5mm
diameter) surface-mount inductors, because of their
300kHz switching frequency.
2) The current-limited PFM control scheme allows efficien-
cies exceeding 80% over a wide range of load currents.
3) Maximum quiescent supply current is only 120µA.
Figures 2 and 3 show the standard application circuits
for these devices. In these configurations, the IC is
powered from the total differential voltage between the
input (V+) and output (VOUT). The principal benefit of
this arrangement is that it applies the largest available
signal to the gate of the internal P-channel power MOS-
FET. This increased gate drive lowers switch on-resis-
tance and increases DC-DC converter efficiency.
Since the voltage on the LX pin swings from V+ (when the
switch is ON) to
IVOUTI plus a diode drop (when the
MAX764
MAX765
MAX766
P
TRIG
Q
ONE-SHOT
TRIG
Q
ONE-SHOT
S
R
Q
CURRENT
CONTROL CIRCUITS
1.5V
REFERENCE
N
FROM OUT
FROM V+
FROM V+
0.1V
(HALF
CURRENT)
0.2V
(FULL
CURRENT)
GND
LX
V+
OUT
V+
REF
SHDN
ERROR
COMPARATOR
COMPARATOR
CURRENT
COMPARATOR
FB
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com