Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX774ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX774ESA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX774ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX774ESA Datasheet HTML 1Page - Maxim Integrated Products MAX774ESA Datasheet HTML 2Page - Maxim Integrated Products MAX774ESA Datasheet HTML 3Page - Maxim Integrated Products MAX774ESA Datasheet HTML 4Page - Maxim Integrated Products MAX774ESA Datasheet HTML 5Page - Maxim Integrated Products MAX774ESA Datasheet HTML 6Page - Maxim Integrated Products MAX774ESA Datasheet HTML 7Page - Maxim Integrated Products MAX774ESA Datasheet HTML 8Page - Maxim Integrated Products MAX774ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ Inverting DC-DC Controllers
_______________________________________________________________________________________
5
2.5
1.5
-60
60
SWITCH OFF-TIME vs. TEMPERATURE
2.0
TEMPERATURE (°C)
0
120
V+ = 5V
_____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
5.0
2.5
100
START-UP VOLTAGE
vs. LOAD CURRENT (BOOTSTRAPPED)
3.0
4.5
LOAD CURRENT (mA)
10
1000
3.5
1
4.0
VOUT = -12V
VOUT = -15V
VOUT = -5V
5.0
2.5
0.1
100
START-UP VOLTAGE
vs. LOAD CURRENT (NON-BOOTSTRAPPED)
3.0
4.5
LOAD CURRENT (mA)
10
1000
3.5
1
4.0
VOUT = -24V
VOUT = -15V
VOUT = -12V
VOUT = -5V
2200
800
2
4
10
16
MAX774
MAXIMUM LOAD vs. INPUT VOLTAGE
1200
1000
1800
2000
INPUT VOLTAGE (V)
8
612
14
1600
1400
BOOTSTRAPPED
NON-BOOTSTRAPPED
VOUT = -5V
20
-60 -40
60
140
EXT RISE AND FALL TIMES
vs. TEMPERATURE
40
30
TEMPERATURE (°C)
40
20
0
-20
80
120
100
50
5V RISE
60
80
70
90
100
120
110
130
5V FALL
12V RISE
12V FALL
CEXT = 1nF
-60 -40
60
140
EXT RISE AND FALL TIMES
vs. TEMPERATURE
TEMPERATURE (°C)
40
20
0
-20
80
120
100
5V RISE
450
400
500
5V FALL
12V RISE
12V FALL
CEXT = 5nF
300
250
350
150
100
200
50
17
15
-60
60
SWITCH ON-TIME vs. TEMPERATURE
16
TEMPERATURE (°C)
0
120
V+ = 5V
8.0
7.8
7.6
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
-60 -40
60
140
SWITCH ON-TIME/OFF-TIME RATIO
TEMPERATURE (°C)
40
20
0
-20
80
120
100
V+ = 5V
4.0
0
-60 -40
60
140
SHUTDOWN CURRENT
vs. TEMPERATURE
1.0
0.5
2.5
3.5
TEMPERATURE (°C)
40
20
0
-20
80
120
100
2.0
1.5
3.0
V+ = 15V
V+ = 8V
V+ = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com