Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8570M Datasheet(PDF) 16 Page - Analog Microelectronics

Part # AME8570M
Description  Manual Reset Input Option
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570M Datasheet(HTML) 16 Page - Analog Microelectronics

Back Button AME8570M Datasheet HTML 12Page - Analog Microelectronics AME8570M Datasheet HTML 13Page - Analog Microelectronics AME8570M Datasheet HTML 14Page - Analog Microelectronics AME8570M Datasheet HTML 15Page - Analog Microelectronics AME8570M Datasheet HTML 16Page - Analog Microelectronics AME8570M Datasheet HTML 17Page - Analog Microelectronics AME8570M Datasheet HTML 18Page - Analog Microelectronics AME8570M Datasheet HTML 19Page - Analog Microelectronics AME8570M Datasheet HTML 20Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AME
µµµµµProcessor Supervisory
AME8570M
16
Rev. A.14
SOT-23
n
Tape and Reel Dimension
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SOT-23
8.0±0.1 mm
4.0±0.1 mm
3000pcs
180±1 mm
Carrier Tape, Number of Components Per Reel and Reel Size
PIN 1
W
P
AME
AME
Carrier Tape, Number of Components Per Reel and Reel Size
TSOT-23A
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
TSOT-23A
8.0±0.1 mm
4.0±0.1 mm
3000pcs
180±1 mm
PIN 1
W
P
AME
AME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com