Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX8341 Datasheet(PDF) 45 Page - CML Microcircuits

Part # CMX8341
Description  RALCWI Vocoder
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX8341 Datasheet(HTML) 45 Page - CML Microcircuits

Back Button CMX8341 Datasheet HTML 41Page - CML Microcircuits CMX8341 Datasheet HTML 42Page - CML Microcircuits CMX8341 Datasheet HTML 43Page - CML Microcircuits CMX8341 Datasheet HTML 44Page - CML Microcircuits CMX8341 Datasheet HTML 45Page - CML Microcircuits CMX8341 Datasheet HTML 46Page - CML Microcircuits CMX8341 Datasheet HTML 47Page - CML Microcircuits CMX8341 Datasheet HTML 48Page - CML Microcircuits CMX8341 Datasheet HTML 49Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Digital PMR (dPMR) Baseband Processor
CMX8341
 2014 CML Microsystems Plc
45
D/8341/7
identifies that a block has been written out of sequence, then it is likely that a data overrun condition has
occurred and some data has been lost.
8.5.12 Vocoder Section
– Pass-through Mode
To allow the host to communicate directly with the Vocoder section for test and configuration purposes, a
Pass-through mode is available which allows any Vocoder section C-BUS register to be read or written (as
appropriate). This mode uses the Modem Control, TxData0, RxData0, IRQ Status and Program Blocks on
the CMX8341.
To write to the Vocoder section:
o Set the CMX8341 to 'Pass-through' mode (Modem Control register, $C1=$0004)
o Wait for the PRG flag to be set ($C6 b0)
o Write the Vocoder section data value to the Txdata0 register ($B5)
o Write the Vocoder section C-BUS address to the Programming register ($C8) with b15=0 and b14=1
o Wait for the PRG flag to be set ($C6 b0).
To read from the Vocoder section:
o Set the CMX8341 to 'Pass-through' mode (Modem Control register, $C1=$0004)
o Wait for the PRG flag to be set ($C6 b0)
o Write the Vocoder section C-BUS address to the Programming register ($C8) with b15=1 and b14=1
o Wait for the PRG flag to be set ($C6 b0)
o Read the Vocoder section data value from the RxData0 register ($B8).
Vocoder section C-BUS addresses are all 8 bits long and should be written to bits 0-7 of the Programming
register. Bit 15 is the read/write flag (1 = read, 0 = write) and bit 14 is the register-size flag (0 = 16-bit, 1 =
8-bit). Unused bits should be cleared to zero. When an 8-bit register is read or written, the data occupies
the lower 8 bits of the appropriate data register (TxData0 or RxData0).
8.5.13 Vocoder Section
– Noise Gate
The Vocoder section has an optional, programmable noise gate. This is controlled by the addition of five
new 16-bit C-BUS write registers, accessed by Pass-through mode (see section 8.5.12). Once the
Function Image™ has been loaded, these new registers will all be set to an initial value of zero. For details
of how to configure these registers, see section 10.3.
The purpose of the encoder's noise gate is to remove background noise in between speech pauses. This
could be used to remove noise generated in any front-end analogue circuitry, or could be used to help
reduce the effects of ambient noise, perhaps with some degree of user control.
Three parameters control this noise gate. An upper threshold level controls the point at which the gate
opens and allows audio to pass. A lower threshold level controls the point at which the gate closes,
thereby preventing audio from passing. These two parameters together control the hysteresis and prevent
'chattering'. A third parameter controls how many consecutive frames of audio must be below the lower
threshold before the gate closes. This 'gate shut delay' prevents the tail end of words (like a trailing 's')
from being clipped.
Once the gate shut delay has expired, the gate does not shut abruptly, but closes over a period of 16
frames. Each 20ms frame has progressively more attenuation applied, until the frames are silent. This
happens in approximately 6dB steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com