Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB102 Datasheet(PDF) 10 Page - CML Microcircuits

Part # DB102
Description  Low Signal Level Input of 10mVrms
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB102 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button DB102 Datasheet HTML 3Page - CML Microcircuits DB102 Datasheet HTML 4Page - CML Microcircuits DB102 Datasheet HTML 5Page - CML Microcircuits DB102 Datasheet HTML 6Page - CML Microcircuits DB102 Datasheet HTML 7Page - CML Microcircuits DB102 Datasheet HTML 8Page - CML Microcircuits DB102 Datasheet HTML 9Page - CML Microcircuits DB102 Datasheet HTML 10Page - CML Microcircuits DB102 Datasheet HTML 11Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Autocorrelating Signal Processor
10
MX102
© 1997 MX•COM,INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480095.003
4800 Bethania Station road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.2 Packaging
PIN 1
A
B
ALTERNATIVE
PIN
LOCATION
MARKING
X
P
J
Y
C
K
H
E
L
T
W
Z
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Package Tolerances
A
B
C
E
H
TYP.
MAX.
MIN.
DIM.
J
P
X
W
T
Y
K
L
0.105 (2.67)
0.093 (2.36)
0.419 (10.64)
45°
7°
0°
10°
0.050 (1.27)
0.041 (1.04)
0.413 (10.49)
0.299 (7.59)
0.050 (1.27)
0.016 (0.41)
0.390 (9.90)
0.020 (0.51)
0.003 (0.08)
0.009 (0.23)
0.0125 (0.32)
0.013 (0.33)
0.020 (0.51)
0.395 (10.03)
0.286 (7.26)
Z
5°
5°
Figure 6: 16-pin SOIC Mechanical Outline:
Order as part no. MX102DW
B
A
PIN 1
E1
T
E
K
H
F
J1
J
P
L
C
K1
Package Tolerances
NOTE : All dimensions in inches (mm.)
Angles are in degrees
TYP.
MAX.
MIN.
A
B
C
E
E1
F
H
DIM.
J
J1
P
T
K1
K
L
0.230 (5.84)
0.291 (7.39)
0.415 (10.53)
0.200 (5.08)
0.767 (19.48)
0.165 (4.19)
0.100 (2.54)
0.115 (2.92)
0.370 (9.40)
0.300 (7.61)
0.317 (8.04)
0.70 (17.78)
0.018 (0.46)
0.053 (1.33)
0.075 (1.91)
0.080 (2.03)
0.080 (2.03)
0.753 (19.13)
0.285 (7.24)
0.0102 (0.259)
0.020 (0.51)
0.055 (1.39)
0.0098 (0.249)
Figure 7: 16-pin CDIP Mechanical Outline:
Order as part no. MX102J



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com