Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX780BENG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX780BENG
Description  Dual-Slot PCMCIA Analog Power Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX780BENG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX780BENG Datasheet HTML 1Page - Maxim Integrated Products MAX780BENG Datasheet HTML 2Page - Maxim Integrated Products MAX780BENG Datasheet HTML 3Page - Maxim Integrated Products MAX780BENG Datasheet HTML 4Page - Maxim Integrated Products MAX780BENG Datasheet HTML 5Page - Maxim Integrated Products MAX780BENG Datasheet HTML 6Page - Maxim Integrated Products MAX780BENG Datasheet HTML 7Page - Maxim Integrated Products MAX780BENG Datasheet HTML 8Page - Maxim Integrated Products MAX780BENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual-Slot PCMCIA Analog Power Controller
4
________________________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
2.6
1.0
10.0
11.0
13.0
AVPP SWITCH RESISTANCE
(12V MODE)
1.4
2.2
VPPIN (V)
12.0
1.8
+125°C
+85°C
+25°C
-55°C
VCCIN = +5.0V,
C1 = C2 = AVPP = 0V,
AVPP = +5.0V
10.5
11.5
12.5
13.5
1.248
1.242
0
200
REFERENCE LOAD REGULATION
1.243
1.247
LOAD CURRENT (
µA)
120
1.245
1.244
40
80
160
1.246
+125°C
+25°C
-55°C
SHDN = +5.0V,
VCCIN = +5.0V,
VPPIN = +12.0V
110
10
2.0
3.0
4.5
6.5
AVPP SWITCH RESISTANCE
(5V MODE)
30
90
VCCIN (V)
4.0
6.0
70
50
2.5
3.5
5.0 5.5
+125°C
+25°C
-55°C
VPPIN = +12.0V,
C1 = C2 = 0V,
AVPP0 = VCCIN
AVPP1 = 0V
1.248
1.243
-55
105
REFERENCE VOLTAGE
vs. TEMPERATURE
1.247
TEMPERATURE (°C)
5
1.245
1.244
-35 -15
45
1.246
25
65
125
85
SHDN = +5.0V,
VCCIN = +5.0V,
VPPIN = +12.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com