Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX796C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX796C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX796C/D Datasheet HTML 11Page - Maxim Integrated Products MAX796C/D Datasheet HTML 12Page - Maxim Integrated Products MAX796C/D Datasheet HTML 13Page - Maxim Integrated Products MAX796C/D Datasheet HTML 14Page - Maxim Integrated Products MAX796C/D Datasheet HTML 15Page - Maxim Integrated Products MAX796C/D Datasheet HTML 16Page - Maxim Integrated Products MAX796C/D Datasheet HTML 17Page - Maxim Integrated Products MAX796C/D Datasheet HTML 18Page - Maxim Integrated Products MAX796C/D Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
______________________________________________________________________________________
15
The output filter capacitor C2 sets a dominant pole in
the feedback loop. This pole must roll off the loop gain
to unity before the zero introduced by the output
capacitor’s parasitic resistance (ESR) is encountered
(see
Design Procedure section). A 60kHz pole-zero
cancellation filter provides additional rolloff above the
unity-gain crossover. This internal 60kHz lowpass com-
pensation filter cancels the zero due to the filter capaci-
tor’s ESR. The 60kHz filter is included in the loop in
both fixed- and adjustable-output modes.
Synchronous-Rectifier Driver (DL Pin)
Synchronous rectification reduces conduction losses in
the rectifier by shunting the normal Schottky diode with
a low-resistance MOSFET switch. The synchronous rec-
tifier also ensures proper start-up of the boost-gate driv-
er circuit. If you must omit the synchronous power
MOSFET for cost or other reasons, replace it with a
small-signal MOSFET such as a 2N7002.
If the circuit is operating in continuous-conduction
mode, the DL drive waveform is simply the complement
of the DH high-side drive waveform (with controlled
dead time to prevent cross-conduction or “shoot-
through”). In discontinuous (light-load) mode, the syn-
chronous switch is turned off as the inductor current
falls through zero. The synchronous rectifier works
under all operating conditions, including idle mode.
The synchronous-switch timing is further controlled by
the secondary feedback (SECFB) signal in order to
improve multiple-output cross-regulation (see
Secondary Feedback-Regulation Loop section).
Internal VL and REF Supplies
An internal regulator produces the 5V supply (VL) that
powers the PWM controller, logic, reference, and other
blocks within the MAX796. This +5V low-dropout linear
regulator can supply up to 5mA for external loads, with
a reserve of 20mA for gate-drive power. Bypass VL to
GND with 4.7µF. Important: VL must not be allowed to
exceed 6V. Measure VL with the main output fully
loaded. If VL is being pumped up above 5.5V, the
probable cause is either excessive boost-diode capaci-
tance or excessive ripple at V+. Use only small-signal
diodes for D2 (1N4148 preferred) and bypass V+ to
PGND with 0.1µF directly at the package pins.
The 2.505V reference (REF) is accurate to ±1.6% over
temperature, making REF useful as a precision system
reference. Bypass REF to GND with 0.33µF minimum.
REF can supply up to 1mA for external loads. However,
if tight-accuracy specs for either VOUT or REF are
essential, avoid loading REF with more than 100µA.
Loading REF reduces the main output voltage slightly,
according to the reference-voltage load regulation
error. In MAX799 applications, ensure that the SECFB
divider doesn’t load REF heavily.
When the main output voltage is above 4.5V, an internal P-
channel MOSFET switch connects CSL to VL while simul-
taneously shutting down the VL linear regulator. This
action bootstraps the IC, powering the internal circuitry
from the output voltage, rather than through a linear regu-
lator from the battery. Bootstrapping reduces power dissi-
pation caused by gate-charge and quiescent losses by
providing that power from a 90%-efficient switch-mode
source, rather than from a 50%-efficient linear regulator.
FB
REF
CSH
CSL
SLOPE COMPENSATION
VL
I1
R1
R2
TO PWM
LOGIC
OUTPUT DRIVER
UNCOMPENSATED
HIGH-SPEED
LEVEL TRANSLATOR
AND BUFFER
I2
I3
Figure 4. Main PWM Comparator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com