Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV6240 Datasheet(PDF) 30 Page - CML Microcircuits

Part # EV6240
Description  Opto-Isolated serial interface capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6240 Datasheet(HTML) 30 Page - CML Microcircuits

Back Button EV6240 Datasheet HTML 26Page - CML Microcircuits EV6240 Datasheet HTML 27Page - CML Microcircuits EV6240 Datasheet HTML 28Page - CML Microcircuits EV6240 Datasheet HTML 29Page - CML Microcircuits EV6240 Datasheet HTML 30Page - CML Microcircuits EV6240 Datasheet HTML 31Page - CML Microcircuits EV6240 Datasheet HTML 32Page - CML Microcircuits EV6240 Datasheet HTML 33Page - CML Microcircuits EV6240 Datasheet HTML 34Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Evaluation Kit for CMX624/CMX644A
EV6240
30
© 1999 Consumer Microcircuits Limited
UM6240/3
1.6.5
Evaluation Tests
1.6.5.1 BER Measurement (Not available in the current firmware revision).
To allow the user to perform Bit Error Rate Testing (BERT) the EF6240 firmware contains a BERT
routine. This facility requires the user to put the evaluation board into Test Mode (AT@E1) and modify
the BER Measurement Set Up (AT@Tn) to the appropriate configuration. The BERT routine can be
configured to operate in one of two ways; with a single on-board Modem connected to an external
simulator/modem, via the 2 or 4-wire line interfaces;
or simply by connecting the two on-board
Modems together via the 2 or 4-wire line interfaces.
Note, the BERT routine is performed in synchronous mode and uses a preamble and sync byte when
it begins to allow the µC firmware to synchronise with the start of the bit stream.
When the
configuration set up is complete BERT can commence by entering the AT@F1 command.
The BER
Tester should be started before the user enters the AT@F1 command to ensure bit synchronisation is
achieved.
Hardware Setup
This function enables connection to BER Testers as follows:
TP42 (PIC16C77 µC Pin 19) to BER Tester Tx Data O/P
TP43 (PIC16C77 µC Pin 20) to BER Tester Tx Data Clock I/P
TP44 (PIC16C77 µC Pin 21) to BER Tester Rx Data I/P
TP45 (PIC16C77 µC Pin 22) to BER Tester Rx Data Clock I/P
The tester must be able to operate from an external clock. The timings of the clock provided from the
Evaluation board µC are as follows:
1 Byte Time
1 Byte Time
Tx Clock
Rx Clock
t
A
t
B
Figure 7 Evaluation board µC clock outputs
Times t
A and tB vary as the clocks are adjusted to fit the exact byte periods of the evaluation devices.
Data is assumed to be clocked in and out of the Tester on the rising edge of either Rx or Tx clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com