Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX929B Datasheet(PDF) 23 Page - CML Microcircuits

Part # FX929B
Description  Flexible Operating Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929B Datasheet(HTML) 23 Page - CML Microcircuits

Back Button FX929B Datasheet HTML 19Page - CML Microcircuits FX929B Datasheet HTML 20Page - CML Microcircuits FX929B Datasheet HTML 21Page - CML Microcircuits FX929B Datasheet HTML 22Page - CML Microcircuits FX929B Datasheet HTML 23Page - CML Microcircuits FX929B Datasheet HTML 24Page - CML Microcircuits FX929B Datasheet HTML 25Page - CML Microcircuits FX929B Datasheet HTML 26Page - CML Microcircuits FX929B Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
4-Level FSK Modem Data Pump
FX929B
© 1997 Consumer Microcircuits Limited
23
D/929B/1
B3
B2
Mode
0
0
Hold
0
1
Level Track
1
0
Lossy Peak Detect
1
1
Slow Peak Detect
In normal use the LEVRES bits should be set to '0 1' (Level Track), the other modes are intended for special
purposes, for device testing, or are invoked automatically during an AQLEV sequence.
In ‘Slow Peak Detect’ modes the positive and negative excursions of the received signal (after filtering) are
measured by peak rectifiers driving the DOC1 and DOC2 capacitors to establish the amplitude of the signal
and any dc offset wrt VBIAS. This mode provides good overall performance, particularly when acquiring level
information at the start of a received message, but does not work well with certain long sequences of repeated
data byte values. It is also susceptible to large amplitude noise spikes such as can be generated during deep
fades.
The ‘Lossy Peak Detect’ mode is similar to ‘Slow Peak Detect’ but the capacitor discharge time constant is
much shorter, so this mode is not suitable for normal data reception and is only used within part of the
automatic AQLEV acquisition sequence.
In ‘Level Track’ mode the DOC capacitor voltages are slowly adjusted by the FX929B in such a way as to
minimise the average errors seen in the received signal. This mode provides the best overall performance,
being much more immune to large amplitude noise spikes than ‘Slow Peak Detect’ and being much less
sensitive to long sequences of repeated data byte values. It does, however, depend on the measured levels
and timing being approximately correct. If either of these is significantly wrong then the correction algorithm
used by the ‘Level Track’ mode can actually drive the voltages on the DOC capacitors away from their
optimum levels.
For this reason the automatic AQLEV acquisition sequence (see 1.6.3) forces the level
measuring circuits into ‘Slow Peak Detect’ mode until a Frame Sync pattern has been found.
The DOC capacitors are isolated from the charging and discharging circuits in ‘Hold mode, allowing the
voltages to float.
Control Register B1, B0: PLLBW - Phase-Locked Loop Modes
These two bits have no effect in transmit mode. In receive mode, they set the 'normal' bandwidth of the Rx
clock extraction Phase Locked Loop circuit. This setting will be temporarily overridden by the automatic
sequencing of an AQSC command.
B1
B0
PLL Mode
0
0
Hold
0
1
Narrow Bandwidth
1
0
Medium Bandwidth
1
1
Wide Bandwidth
The normal setting for the PLLBW bits should be 'Medium Bandwidth' when the received symbol rate and the
frequency of the receiving modem's Xtal are both within ±100ppm of nominal, except at the start of a symbol
clock acquisition sequence (AQSC) when 'Wide Bandwidth' should be selected as described in section 1.6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com