Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVG612PBF Datasheet(PDF) 4 Page - International Rectifier

Part # PVG612PBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612PBF Datasheet(HTML) 4 Page - International Rectifier

  PVG612PBF Datasheet HTML 1Page - International Rectifier PVG612PBF Datasheet HTML 2Page - International Rectifier PVG612PBF Datasheet HTML 3Page - International Rectifier PVG612PBF Datasheet HTML 4Page - International Rectifier PVG612PBF Datasheet HTML 5Page - International Rectifier PVG612PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series PVG612PbF
4
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 04, 2015
Delay Tim e (m icroseconds)
50
100
200
500
20
1000 2000
20
10
5
3
toff
tdly
t on
90%
10%
I
ILED
D
tdly
ton
toff
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
Am bient Tem perature (deg. C )
-35
-15525
45
65
85
105
100
30
10
3.0
1.0
0.3
0.1
LED Forward Voltage Drop (Volts DC)
16
20
12
8
4
0
0.5
1.0
1.5
2.0
0
not exceeded
CAUTION: provide current limiting
so that 25 m A maximum steady-
state control current rating is
Figure 5. Typical Normalized Off-State Leakage
Figure 6. Input Characteristics (Current Controlled)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com