Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVR13NPBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVR13NPBF
Description  Bounce-Free Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR13NPBF Datasheet(HTML) 3 Page - International Rectifier

  PVR13NPBF Datasheet HTML 1Page - International Rectifier PVR13NPBF Datasheet HTML 2Page - International Rectifier PVR13NPBF Datasheet HTML 3Page - International Rectifier PVR13NPBF Datasheet HTML 4Page - International Rectifier PVR13NPBF Datasheet HTML 5Page - International Rectifier PVR13NPBF Datasheet HTML 6Page - International Rectifier PVR13NPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Series PVR13NPbF
3
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015
Figure 1. Current Derating Curve
Ambient Temperature (°C)
Figure 2. Typical Normalized On-Resistance
5 mA Control
lD = 50 mA
Figure 3. Typical On-Characteristic A Connection
VDD (Volts)
A Connection
I LED = 5mA, Forced Air
Pulsed, 25ºC
600
550
500
450
400
350
300
250
200
150
100
50
0
25oC
40oC
60oC
85oC
0.0
0.5
1.0
1.5
2.0
2.5
Figure 4. Typical On-Characteristic C Connection
VDD (Volts)
85ºC
Pulsed, 25ºC
I LED = 5mA, Forced Air
C Connection
0.0
0.5
1.0
1.5
2.0
2.5
85oC
25oC
40oC
60oC
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Ambient Temperature (°C)
900
800
700
600
500
400
300
200
100
0
C Connection
A Connection
ILED = 5mA
B Connection
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com