Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB6054AG-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UB6054AG-AG6-R
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB6054AG-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UB6054AG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 9Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 10Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UB6054A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R502-926.b
OPERATION(Cont.)
4. Charge Status Indicator (CHRG)
The charge status output has three different states: strong pull-down (~10mA), weak pull-down (~20μA) and high
impedance. The strong pull-down state indicates that the UTC UB6054A is in a charge cycle. Once the charge cycle
has terminated, the pin state is determined by undervoltage lockout conditions. A weak pull-down indicates that VCC
meets the UVLO conditions and the UTC UB6054A is ready to charge. High impedance indicates that the UTC
UB6054A
is in undervoltage lockout mode: either VCC is less than 100mV above the BAT pin voltage or insufficient
voltage is applied to the VCC pin.
5. Thermal Limiting
An internal thermal feedback loop reduces the programmed charge current if the die temperature attempts to rise
above a preset value of approximately 120°С. This feature protects the UTC UB6054A from excessive temperature
and allows the user to push the limits of the power handling capability of a given circuit board without risk of
damaging the UTC UB6054A. The charge current can be set according to typical (not worst-case) ambient
temperature with the assurance that the charger will automatically reduce the current in worst-case conditions.
6. Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input voltage and keeps the charger in shutdown mode until
VCC rises above the undervoltage lockout threshold. The UVLO circuit has a built-in hysteresis of 120mV.
Furthermore, to protect against reverse current in the power MOSFET, the UVLO circuit keeps the charger in
shutdown mode if VCC falls to within 30mV of the battery voltage. If the UVLO comparator is tripped, the charger will
not come out of shutdown mode until VCC rise 100mV above the battery voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com