Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX797C/D Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 18Page - Maxim Integrated Products MAX797C/D Datasheet HTML 19Page - Maxim Integrated Products MAX797C/D Datasheet HTML 20Page - Maxim Integrated Products MAX797C/D Datasheet HTML 21Page - Maxim Integrated Products MAX797C/D Datasheet HTML 22Page - Maxim Integrated Products MAX797C/D Datasheet HTML 23Page - Maxim Integrated Products MAX797C/D Datasheet HTML 24Page - Maxim Integrated Products MAX797C/D Datasheet HTML 25Page - Maxim Integrated Products MAX797C/D Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
22
______________________________________________________________________________________
______Selecting Other Components
MOSFET Switches
The two high-current N-channel MOSFETs must be
logic-level types with guaranteed on-resistance specifi-
cations at VGS = 4.5V. Lower gate threshold specs are
better (i.e., 2V max rather than 3V max). Drain-source
breakdown voltage ratings must at least equal the max-
imum input voltage, preferably with a 20% derating fac-
tor. The best MOSFETs will have the lowest
on-resistance per nanocoulomb of gate charge.
Multiplying RDS(ON) x QG provides a meaningful figure
by which to compare various MOSFETs. Newer MOS-
FET process technologies with dense cell structures
generally give the best performance. The internal gate
drivers can tolerate >100nC total gate charge, but
70nC is a more practical upper limit to maintain best
switching times.
In high-current applications, MOSFET package power
dissipation often becomes a dominant design factor.
I2R power losses are the greatest heat contributor for
both high- and low-side MOSFETs. I2R losses are dis-
tributed between Q1 and Q2 according to duty factor
(see the equations below). Switching losses affect the
upper MOSFET only, since the Schottky rectifier clamps
the switching node before the synchronous rectifier
turns on. Gate-charge losses are dissipated by the dri-
ver- er and don’t heat the MOSFET. Ensure that both
MOSFETs are within their maximum junction tempera-
ture at high ambient temperature by calculating the
temperature rise according to package thermal-resis-
tance specifications. The worst-case dissipation for the
high-side MOSFET occurs at the minimum battery volt-
age, and the worst-case for the low-side MOSFET
occurs at the maximum battery voltage.
PD (upper FET) = ILOAD2 x RDS(ON) x DUTY
VIN x CRSS
+ VIN x ILOAD x f x
(––––––––––– +20ns)
IGATE
PD (lower FET) = ILOAD2 x RDS(ON) x (1 - DUTY)
DUTY = (VOUT + VQ2) / (VIN - VQ1)
where: On-state voltage drop VQ_ = ILOAD x RDS(ON)
CRSS = MOSFET reverse transfer capacitance
IGATE = DH driver peak output current capability
(1A typically)
20ns = DH driver inherent rise/fall time
Under output short circuit, the synchronous-rectifier
MOSFET suffers extra stress and may need to be over-
sized if a continuous DC short circuit must be tolerated.
During short circuit, Q2’s duty factor can increase to
greater than 0.9 according to:
Q2 DUTY (short circuit) = 1 - [VQ2 / (VIN(MAX) - VQ1)]
where the on-state voltage drop VQ = (120mV / RSENSE)
x RDS(ON).
Rectifier Diode D1
Rectifier D1 is a clamp that catches the negative induc-
tor swing during the 110ns dead time between turning
off the high-side MOSFET and turning on the low-side.
D1 must be a Schottky type in order to prevent the
lossy parasitic MOSFET body diode from conducting. It
is acceptable to omit D1 and let the body diode clamp
the negative inductor swing, but efficiency will drop one
or two percent as a result. Use an MBR0530 (500mA
rated) type for loads up to 1.5A, a 1N5819 type for
loads up to 3A, or a 1N5822 type for loads up to 10A.
D1’s rated reverse breakdown voltage must be at least
equal to the maximum input voltage, preferably with a
20% derating factor.
Boost-Supply Diode D2
A signal diode such as a 1N4148 works well for D2 in
most applications. If the input voltage can go below 6V,
use a small (20mA) Schottky diode for slightly improved
efficiency and dropout characteristics. Don’t use large
power diodes such as 1N5817 or 1N4001, since high
junction capacitance can cause VL to be pumped up to
excessive voltages.
Rectifier Diode D3
(Transformer Secondary Diode)
The secondary diode in coupled-inductor applications
must withstand high flyback voltages greater than 60V,
which usually rules out most Schottky rectifiers.
Common silicon rectifiers such as the 1N4001 are also
prohibited, as they are far too slow. This often makes
fast silicon rectifiers such as the MURS120 the only
choice. The flyback voltage across the rectifier is relat-
ed to the VIN-VOUT difference according to the trans-
former turns ratio:
VFLYBACK = VSEC + (VIN - VOUT) x N
where: N is the transformer turns ratio SEC/PRI
VSEC is the maximum secondary DC output voltage
VOUT is the primary (main) output voltage
Subtract the main output voltage (VOUT) from VFLYBACK
in this equation if the secondary winding is returned to
VOUT and not to ground. The diode reverse breakdown
rating must also accommodate any ringing due to leak-
age inductance. D3’s current rating should be at least
twice the DC load current on the secondary output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com