Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM603AG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM603AG-S08-R
Description  DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM603AG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM603AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UM603A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-031.F
ELECTRICAL CHARACTERISTICS (Cont.)
VCC+=+5V, VCC=Ground, VOUT=1.4V, TA=25C (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATOR2
(independent op-amp)(Note 1)
TA=25C
0.5
2
UM603A-1
TMIN≤TA≤TMAX
3
mV
TA=25C
1
4
Input Offset Voltage
UM603A-2
VI(OFF)
TMIN≤TA≤TMAX
5
mV
Input Offset Voltage Drift
DVI(OFF)
7
μV/
C
TA=25C
2
30
Input Offset Current
II(OFF)
TMIN≤TA≤TMAX
50
nA
TA=25C
20
150
Input Bias Current
II(BIAS)
TMIN≤TA≤TMAX
200
nA
VCC=15V, RL=2k, VOUT=1.4V~11.4V
50
100
Large Signal Voltage Gain
AVD
TMIN≤TA≤TMAX
25
V/mV
Supply Voltage Rejection Ratio
SVRR
VCC=5V ~30V
65
100
dB
VCC=+30V (Note 1)
0
(VCC
+)-1.5
Input Common Mode Voltage Range
VI(CM)
TMIN≤TA≤TMAX
0
(VCC
+)-2
V
70
85
Common Mode Rejection Ratio
CMRR
TMIN≤TA≤TMAX
60
dB
Output Current Source
IO(SOURCE) VCC=+15V, VOUT=2V, VJD=+1V
20
40
mA
Short Circuit to Ground
ISC
VCC=+15V
40
60
mA
Output Current Sink
IO(SINK) VID=-1V, VCC=+15V, VOUT=2V
10
20
mA
TA=25C, RL=10k
27
28
High Level Output Voltage
VOH
VCC
+=30V
TMIN ≤ TA ≤ TMAX
27
V
RL=10k
5
20
Low Level Output Voltage
VOL
TMIN≤TA≤TMAX
5
20
mV
Slew Rate at Unity Gain
SR
VIN=0.5 ~ 3V, VCC=15V
RL=2k, CL=100pF, unity gain
0.2
0.4
V/μs
Gain Bandwidth Product
GBP
VCC=30V, RL=2K, CL=100pF
f=100kHz, VIN=10mV
0.5
0.9
MHz
Total Harmonic Distortion
THD
f=1kHz , CL=100pF, VOUT=2VPP
Av=20dB, RL=2k, VCC=30V,
0.02
%
VOLTAGE REFERENCE
PARAMETER
SYMBOL
Value
UNIT
Cathode Current
IK
1 ~ 100
mA
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
±0.4%, TA=25C
2.49
2.5
2.51
UM603A-1
TMIN≤TA≤TMAX, VKA=VREF, IKA=10mA
2.48
2.52
V
±1%, TA=25C
2.475
2.5
2.525
Reference Input Voltage
UM603A-2
VREF
TMIN≤TA≤TMAX, VKA=VREF, IKA=10mA
2.45
2.55
Reference Input Voltage Deviation
Over Temperature Range
△
VREF VKA=VREF, IK=10mA, TMIN≤TA≤TMAX
7
30
mV
Minimum Cathode Current for
Regulation
IMIN
VKA=VREF
0.5
1
mA
Dynamic Impedance(Note 2)
Z
∣ KA∣ VKA=VREF, △IK=1~100mA, f<1kHz
0.2
0.5
Ω
Notes: 1. The input common-mode voltage of either input signal voltage should not be allowed to go negative by
more than 0.3V. The upper end of the common-mode voltage range is VCC+ -1.5V. But either of both
inputs can go to +36V without damage.
2. The dynamic impedance is defined as「ZKA」=
KA
K
V
I
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com