Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD4015BG-P16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UCD4015BG-P16-R
Description  CMOS Dual 4-Stage Static Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4015BG-P16-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UCD4015BG-P16-R Datasheet HTML 1Page - Unisonic Technologies UCD4015BG-P16-R Datasheet HTML 2Page - Unisonic Technologies UCD4015BG-P16-R Datasheet HTML 3Page - Unisonic Technologies UCD4015BG-P16-R Datasheet HTML 4Page - Unisonic Technologies UCD4015BG-P16-R Datasheet HTML 5Page - Unisonic Technologies UCD4015BG-P16-R Datasheet HTML 6Page - Unisonic Technologies UCD4015BG-P16-R Datasheet HTML 7Page - Unisonic Technologies UCD4015BG-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UCD4015B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-875.b
TEST CIRCUIT AND WAVEFORMS(Cont.)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
500μF
0.1uF
VDD
DATA
CL
CL
CL
CL
CL
CL
ID
Fig4. Dynamic power dissipation test circuit
VSS
INPUTS
VSS
VDD
VDD
IDD
Fig5. Quiescent device current test circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com