Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX863 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX863
Description  Dual, High-Efficiency, PFM, Step-Up DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX863 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX863 Datasheet HTML 8Page - Maxim Integrated Products MAX863 Datasheet HTML 9Page - Maxim Integrated Products MAX863 Datasheet HTML 10Page - Maxim Integrated Products MAX863 Datasheet HTML 11Page - Maxim Integrated Products MAX863 Datasheet HTML 12Page - Maxim Integrated Products MAX863 Datasheet HTML 13Page - Maxim Integrated Products MAX863 Datasheet HTML 14Page - Maxim Integrated Products MAX863 Datasheet HTML 15Page - Maxim Integrated Products MAX863 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Dual, High-Efficiency, PFM, Step-Up
DC-DC Controller
______________________________________________________________________________________
13
Voltage ripple is the sum of contributions associated
with ESR and the capacitor value, as shown below:
VRIPPLE
≅ VRIPPLE,ESR + VRIPPLE,C
To simplify selection, assume that 75% of the ripple
results from ESR and that 25% results from the capaci-
tor value. Voltage ripple as a consequence of ESR is
approximated by:
VRIPPLE,ESR
≅ RESR x IPEAK
so:
Estimate input and output capacitor values for a given
voltage ripple as follows:
where V is the input or output voltage, depending on
which capacitor is being calculated.
Choose input capacitors with working voltage ratings
over the maximum input voltage, and output capacitors
with working voltage ratings higher than their respec-
tive outputs.
Add VDD and REF Bypass Capacitors
Bypass the MAX863 with 0.1µF or higher value ceramic
capacitors placed as close to the VDD, REF, and GND
pins as possible.
Set the Output Voltage
DC-DC converter 1 operates with a 3.3V, 5V, or
adjustable output. For a preset output, connect
SENSE1 to OUT1 (Figures 2 and 4a), then set FB1 to
VDD for 3.3V operation or to GND for 5V operation. For
an adjustable output, connect a resistor voltage divider
to the FB1 pin (Figure 7). In adjustable output circuits,
connect SENSE1 to GND.
DC-DC converter 2 can be adjusted from very high
voltages down to VIN using external resistors connect-
ed to the FB2 pin, as shown in Figure 7. Select feed-
back resistor R2 in the 10k
Ω to 500kΩ range. R1 is
given by:
where 1.25V is the voltage of the internal reference.
R1 = R2
V
1.25V
OUT −


1
C
0.5L x I
V
x V
2
PEAK
RIPPLE,C
≥
R
V
I
ESR
RIPPLE,ESR
PEAK
≤
MAX863
FB1 OR FB2
COUT
C1
(OPTIONAL)
R1
R2
C2
(OPTIONAL FOR HIGH-
VOLTAGE CIRCUITS)
VOUT1 OR VOUT2
Figure 7. Adjustable Output Circuit
Table 1. Component Suppliers
PHONE
Inductors
SUPPLIER
Marcon/United
Chemi-Con
(847) 696-2000
TDK
(847) 390-4373
Vishay/Vitramon
(203) 268-6261
(847) 390-4428
(203) 452-5670
Large-Value Ceramic Capacitors
(847) 696-9278
Motorola
(602) 303-5454
AVX
(803) 946-0690
Sanyo USA
(619) 661-6835
Sprague
(603) 224-1961
(619) 661-1055
(603) 224-1430
Electrolytic Capacitors
(803) 626-3123
Dale/Vishay
(402) 564-3131
IRC
(512) 992-7900
(402) 563-6418
(512) 992-3377
(602) 994-6430
Current-Sense Resistors
Sumida USA
(847) 956-0666
Central Semiconductor
(516) 435-1110
International Rectifier
(310) 322-3331
(516) 435-1824
(310) 322-3232
(847) 956-0702
MOSFETs and Diodes
Coiltronics
(561) 241-7876
Dale Inductors
(605) 668-4131
(561) 241-9339
(605) 665-1627
FAX
(847) 639-1469
Coilcraft
(847) 639-6400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com