Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX868C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX868C/D
Description  Regulated, Adjustable -2x Inverting Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX868C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX868C/D Datasheet HTML 1Page - Maxim Integrated Products MAX868C/D Datasheet HTML 2Page - Maxim Integrated Products MAX868C/D Datasheet HTML 3Page - Maxim Integrated Products MAX868C/D Datasheet HTML 4Page - Maxim Integrated Products MAX868C/D Datasheet HTML 5Page - Maxim Integrated Products MAX868C/D Datasheet HTML 6Page - Maxim Integrated Products MAX868C/D Datasheet HTML 7Page - Maxim Integrated Products MAX868C/D Datasheet HTML 8Page - Maxim Integrated Products MAX868C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Regulated, Adjustable -2x
Inverting Charge Pump
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VIN = +3.3V, C1 = C2 = 0.22µF, CIN = 1µF, COUT = 10µF, TA = -40°C to +85°C, unless otherwise noted. (Note 1)
Note 1: Specifications to -40°C are guaranteed by design, not production tested.
RL = 3kΩ to GND
VFB = 50mV
No load, VFB = -50mV
No load, SHDN = GND
CONDITIONS
kHz
270
630
fOSC
Oscillator Frequency
µA
1
IIN,SHDN
Shutdown Current
V
1.8
5.5
VIN
Supply-Voltage Range
µA
55
IIN
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 5mA, FB = IN
VIN = 1.8V to 5.5V
SHDN = GND (OUT pulls to GND)
VIN = 1.8V to 5.5V
nA
-100
100
FB Input Bias Current
mV
-40
40
FB Trip Point
125
Open-Loop Output
Resistance
Ω
50
ROUT
VIN = 5.5V, SHDN = IN or GND
VIN = 1.8V to 5.5V
nA
-100
100
SHDN Input Bias Current
V
0.7VIN
VIH
SHDN Input Threshold
0.3VIN
VIL
__________________________________________Typical Operating Characteristics
(Circuit of Figure 5, TA = +25°C, unless otherwise noted.)
-35
-25
-30
-20
-5
0
-10
-15
5
0
10 15 20 25
5
30 35 40 45 50
LOAD-REGULATION ERROR
vs. LOAD CURRENT
(VIN = 5V)
LOAD CURRENT (mA)
VOUT = -7.5V
VOUT = -3.3V
VOUT = -5V
-15
-9
-12
0
-3
-6
3
0
5
10
15
20
25
LOAD-REGULATION ERROR
vs. LOAD CURRENT
(VIN = 3.3V)
LOAD CURRENT (mA)
VOUT = -3.3V
VOUT = -5V
400
410
430
440
420
480
470
460
450
500
490
-40
-20
0
20
40
60
80
100
MAXIMUM SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
FB = IN
VIN = 3.3V
VIN = 2V
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com