Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-418-CW-HWR-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-418-CW-HWR-RPS
Description  Custom colors and terminations for volume OEMs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-418-CW-HWR-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-418-CW-HWR-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical VSWR
™
ANT-418-CW-HWR-xxx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
HWR Series antennas deliver outstanding performance in
a rugged and cosmetically attractive package. The
articulating base allows the antenna to tilt 90 degrees and
rotate 360 degrees. The antennas attach via a standard
SMA or Part 15 compliant RP-SMA connector. Custom
colors and connectors are available for volume OEM
customers.
5.59”
(142.0)
1.02”
(26.0)
0.32”
(8.2)
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
0.39”
(10.0)
4.57”
(116.0)
Polar Plot & Gain Information
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-26-10
• Low cost
• Tilts and rotates
• Omni-directional pattern
• Outstanding VSWR
• Rugged & damage-resistant
• Standard SMA or Part 15 compliant RP-SMA connector
• Custom colors and terminations for volume OEMs
• Use with plastic* or metal enclosures
• Internal O-ring seal on connector
• Center Freq.
418MHz
• Recmd. Freq. Range
398-438MHz
• Wavelength
1/4-wave
• VSWR
<2.0 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or SMA
• ANT-418-CW-HWR-RPS (with RP-SMA connector)
• ANT-418-CW-HWR-SMA (with SMA connector)
* Requires proximity ground plane
CENTER 418.000MHz
SPAN 200.000MHz
S11 SWR
1.386


Similar Part No. - ANT-418-CW-HWR-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-418-CW-HWR LINX-ANT-418-CW-HWR Datasheet
403Kb / 2P
HWR Series antennas deliver outstanding performance in a rugged and cosmetically attractive package.
8/1/2017
More results

Similar Description - ANT-418-CW-HWR-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-1.4-CW-HWR-RPS ETC2-ANT-1.4-CW-HWR-RPS Datasheet
120Kb / 1P
Custom colors and terminations for volume OEMs
ANT-2.4-CW-HWR-RPS ETC2-ANT-2.4-CW-HWR-RPS Datasheet
137Kb / 1P
Custom colors and terminations for volume OEMs
ANT-315-CW-HW ETC2-ANT-315-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-315-CW-HWR-RPS ETC2-ANT-315-CW-HWR-RPS Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
ANT-433-CW-HW ETC2-ANT-433-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-418-CW-HW ETC2-ANT-418-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-433-CW-HWR-XXX ETC2-ANT-433-CW-HWR-XXX Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
logo
Linx Technologies
ANT-418-WRT-RPS LINX-ANT-418-WRT-RPS Datasheet
406Kb / 2P
connectors and custom colors are available for volume OEM customers.
12/9/13
OTX-ACC-RTR-32-LD LINX-OTX-ACC-RTR-32-LD Datasheet
336Kb / 1P
Custom options available for high volume orders
12/14/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com