Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-418-MHW-RPS-L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-418-MHW-RPS-L
Description  Standard SMA or Part 15 compliant RP-SMA connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-418-MHW-RPS-L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-418-MHW-RPS-L Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.34”
(161.0)
0.69”
(17.5)
1.32”
(33.5)
2.51”
(63.8)
0.28”
(7.0)
0.31”
(8.0)
0.35”
(9.0)
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 2-8-10
Typical VSWR
CENTER 418.000MHz
SPAN 200.000MHz
S11 SWR
1.288
MHW Series dipole antennas feature a durable,
unobtrusive housing that sticks permanently with integral
adhesive to flat, non-conductive surfaces such as
windows, drywall, ceiling tiles, plastic, etc. The antennas
are well suited to low-power devices, but are capable of
operation at levels to 10 watts. The MHW is supplied with
either 6.5 feet (2m) or 15 feet (4.6m) of RG-174 cable
and attaches via a standard SMA or Part 15 compliant
RP-SMA
connector.
Custom
cable
lengths
and
connectors are available for volume OEM customers.
Features
™
ANT-418-MHW-xxx-x DATA SHEET
Product Dimensions
Description
Electrical Specifications
Ordering Information
VSWR Graph
• Compact & unobtrusive
• Adhesive for flat surfaces
• Excellent performance
• Omni-directional pattern
• Very low VSWR
• Two flexible shafts
• Rugged & damage-resistant
• Standard SMA or Part 15 compliant RP-SMA connector
• Center Freq. 418MHz
• Bandwidth
20MHz
• Wavelength
1/4-wave
• VSWR
<1.5 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or SMA
• Cable
79” or 180” RG-174 coax
• ANT-418-MHW-RPS-L (RP-SMA connector, 180” coax)
• ANT-418-MHW-RPS-S (RP-SMA connector, 79” coax)
• ANT-418-MHW-SMA-L (SMA connector, 180” coax)
• ANT-418-MHW-SMA-S (SMA connector, 79” coax)


Similar Part No. - ANT-418-MHW-RPS-L

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-418-MHW-RPS-L LINX-ANT-418-MHW-RPS-L Datasheet
231Kb / 3P
MHW Series dipole antennas feature a durable, unobtrusive housing
3/22/13
More results

Similar Description - ANT-418-MHW-RPS-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-CT-RPS ETC2-ANT-2.4-CW-CT-RPS Datasheet
144Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-2.4-CW-RCT-RP ETC2-ANT-2.4-CW-RCT-RP Datasheet
144Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-CW-QW ETC2-ANT-418-CW-QW Datasheet
329Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-HW ETC2-ANT-868-CW-HW Datasheet
161Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-QW ETC2-ANT-868-CW-QW Datasheet
575Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-433-MHW-RPS-L ETC2-ANT-433-MHW-RPS-L Datasheet
163Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-DB1-RAF-RPS ETC2-ANT-DB1-RAF-RPS Datasheet
3Mb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-CT LINX-ANT-2.4-CW-CT Datasheet
350Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/22/13
ANT-315-CW-HW LINX-ANT-315-CW-HW Datasheet
321Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/18/13
ANT-315-CW-HWR-RPS LINX-ANT-315-CW-HWR-RPS Datasheet
404Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
8/1/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com