Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX891LC/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX891LC/D
Description  Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX891LC/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX891LC/D Datasheet HTML 1Page - Maxim Integrated Products MAX891LC/D Datasheet HTML 2Page - Maxim Integrated Products MAX891LC/D Datasheet HTML 3Page - Maxim Integrated Products MAX891LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX891LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX891LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX891LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX891LC/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
On-Resistance
Current-Limited, High-Side
P-Channel Switches with Thermal Shutdown
_______________________________________________________________________________________
3
Note 1: Tested with IOUT = 50mA for the MAX891L, 25mA for the MAX892L, and VSET raised until VIN - VOUT ≥ 0.8V.
Note 2: Parameters to -40°C are guaranteed by design, not production tested.
ELECTRICAL CHARACTERISTICS
(VIN = 3V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
VIN = 5V
VIN = 5V
ISINK = 1mA, VSET = 1.4V
ON = IN, VIN = VOUT = 5.5V
VIN = 5V, ON = GND, IOUT = 0mA
VOUT = 1.6V to 2.8V
VSET required to turn the switch off (Note 1)
MAX891L, IOUT = 250mA
VIN = 3.0V
MAX891L
MAX891L
VIN = 4.5V
MAX892L
CONDITIONS
µs
0.25
20
Turn-Off Time
µs
200
MAX892L
Turn-On Time
V
0.4
MAX892L, IOUT = 125mA
FAULT Logic Output Low Voltage
Rising edge, 1% hysteresis
ON = IN, VIN = 5.5V, VOUT = 0V
A/A
IOUT to ISET Current Ratio
805
1210
805
1210
V
2.0
2.9
µA
2.2
Undervoltage Lockout
Off-Supply Current
µA
50
µA
V
3.0
5.5
8
Operating Voltage
Quiescent Current
Off-Switch Current
V
1.14
1.34
Current-Limit-Amplifier Accuracy
m
Ω
On-Resistance
500
225
420
300
UNITS
MIN
TYP
MAX
PARAMETER
m
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com