Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX892LC/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX892LC/D
Description  Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX892LC/D Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX892LC/D Datasheet HTML 1Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 2Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 3Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Thermal Shutdown
The MAX891L/MAX892L feature thermal shutdown. The
switch turns off when the junction temperature exceeds
+135°C. Once the device cools by 10°C, the switch
turns back on. If the fault short-circuit condition is not
removed, the switch will cycle on and off, resulting in a
pulsed output.
Fault Indicator
The MAX891L/MAX892L provide a fault output (FAULT).
This open-drain output goes low when in current limit or
when the die temperature exceeds +135°C. During
start-up, FAULT is low until the switch is fully on and no
over-current condition exists. A 100k
Ω pull-up resistor
from FAULT to IN provides a logic-control signal.
__________Applications Information
Input Capacitor
To limit input voltage drop during momentary output
short-circuit conditions, connect a capacitor from IN to
GND. A 1µF ceramic capacitor is adequate for most
applications; however, higher capacitor values further
reduce voltage drop at the input.
Output Capacitor
Connect a 0.1µF capacitor from OUT to GND. One
function of this capacitor is to prevent inductive para-
sitics from pulling OUT negative during turn-off.
Layout and Thermal-Dissipation
Consideration
To take full advantage of the switch-response time to
output short-circuit conditions, it is very important to
keep all traces as short as possible to reduce the effect
of undesirable parasitic inductance. Place input and
output capacitors as close as possible to the device
(no more than 5mm).
Under normal operating conditions, the package dissi-
pates and channels heat away. Calculate maximum
power as follows:
P = I2LIM x RON
where RON is the on-resistance of the switch.
When the output is short circuited, voltage drop across
the switch equals the input supply. Hence, the power
dissipated across the switch increases, as does the die
temperature. If the fault condition is not removed, the
thermal-overload-protection circuitry turns the switch off
until the die temperature falls by 10°C. A ground plane
in contact with the device helps dissipate additional
heat.
___________________Chip Information
TRANSISTOR COUNT: 396
SUBSTRATE CONNECTED TO GND
Current-Limited, High-Side
P-Channel Switches with Thermal Shutdown
_______________________________________________________________________________________
7
MAX891L
MAX892L
SET
RSET
GND
Figure 2. Setting the Current Limit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com