Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA7215 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA7215
Description  X-band High Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7215 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA7215 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 7Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA7215
X-band High Power Amplifier
Ref : DSCHA72159287 - 14 Oct 09
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics on test fixture
Tamb = 20°C, Vd=8V, Id (Quiescent) = 2.3A, Drain Pu lse width = 25µs, Duty cycle = 10%
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency
8.5
11.5
GHz
G
Small signal gain
25
28
31
dB
G_T
Small signal gain variation versus
temperature
-0.05
dB/°C
RLin
Input Return Loss
10
dB
RLout
Output Return Loss
12
dB
Psat
Saturated output power
39.5
dBm
Psat_T
Saturated output power variation versus
temperature
-0.01
dB/°C
PAE_4dBc
Power added efficiency @4dBc
34
%
Id_4dBc
Supply drain current @ 4dBc
3.3
4.4
A
Vd1, Vd2, Vd3
Drain supply voltage (2)
8
V
Id
Supply quiescent current (1)
2.3
A
Vg1, Vg2, Vg3
Gate supply voltage
-2.2
V
(1) Parameter can be adjusted by tuning of Vg.
(2) 0.5V variation on Vd leads to around 0.4dB variation of the output power (impact on
robustness see Maximum ratings)
Absolute Maximum Ratings (1)
Tamb = 20°C
Symbol
Parameter
Values
Unit
Cmp
Compression level (2)
6
dBc
Vd
Supply voltage with RF input power
9
V
Vd
Supply voltage without RF input power
10
V
Id
Supply quiescent current
3
A
Id_sat
Supply current in saturation
4.8
A
Vg
Supply voltage
-1.1
V
Tj
Maximum junction temperature
175
°C
Tstg
Storage temperature range
-55 to +125
°C
Top
Operating temperature range
-40 to +80
°C
(1)
Operation of this device above anyone of these parameters may cause
permanent damage.
(2)
For higher compression the level limit can be increased by decreasing the voltage
Vd using the rate 0.5 V / dBc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com