Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9012 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9012
Description  SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9012 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9012 Datasheet HTML 1Page - Maxim Integrated Products MAX9012 Datasheet HTML 2Page - Maxim Integrated Products MAX9012 Datasheet HTML 3Page - Maxim Integrated Products MAX9012 Datasheet HTML 4Page - Maxim Integrated Products MAX9012 Datasheet HTML 5Page - Maxim Integrated Products MAX9012 Datasheet HTML 6Page - Maxim Integrated Products MAX9012 Datasheet HTML 7Page - Maxim Integrated Products MAX9012 Datasheet HTML 8Page - Maxim Integrated Products MAX9012 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SC70, 5ns, Low-Power, Single-Supply,
Precision TTL Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (MAX9010/MAX9011) (continued)
(VCC = 5V, VLE = 0 (MAX9011 only), VCM = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Latch Setup Time (Note 8)
tSU
MAX9011 only
2
0
ns
Latch Hold Time (Note 8)
tH
MAX9011 only
2
0.5
ns
Latch Propagation Delay
(Note 8)
tLPD
MAX9011 only
5
ns
Input Noise-Voltage Density
en
f = 100kHz
6
nV/
√Hz
VOVERDRIVE = 100mV
5
8
CLOAD = 5pF,
TA = +25°C
VOVERDRIVE = 5mV
5.5
9
VOVERDRIVE = 100mV
9
Propagation Delay (Note 6)
tPD+, tPD-
CLOAD = 5pF,
TA = TMIN to TMAX
VOVERDRIVE = 5mV
10
ns
Output Rise Time
tR
0.5V
≤ VOUT ≤ 2.5V
3
ns
Output Fall Time
tF
2.5V
≥ VOUT ≥ 0.5V
2
ns
MAX9010EXT
0.8
Input Capacitance
CIN
MAX9011EUT
1.2
pF
Power-Up Time
tON
1µs
ELECTRICAL CHARACTERISTICS (MAX9012/MAX9013)
(VCC = 5V, VLE = 0 (MAX9013 only), VCM = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from PSRR test
4.5
5.5
V
MAX9012
2.4
4.2
Power-Supply Current (Note 2)
ICC
MAX9013
1.3
2.3
mA
TA = +25°C
±0.7
±3
Input Offset Voltage
(Note 5)
VOS
TA = TMIN to TMAX
±5.5
mV
Input Offset-Voltage Drift
∆VOS/∆T±2
µV/
°C
Input Bias Current
IB
±0.5
±2
µA
Input Offset Current
IOS
±40
±200
nA
Differential Input Resistance
(Note 4)
RIN(DIFF)
VIN(DIFF) = ±10mV
250
k
Ω
Common-Mode Input
Resistance (Note 4)
RIN(CM)
-0.2V
≤ VCM ≤ (VCC - 1.9V)
1
M
Ω
Common-Mode Input Voltage
Range (Note 4)
VCM
Inferred from CMRR test
-0.2
VCC - 1.9
V
Common-Mode Rejection
Ratio
CMRR
-0.2V
≤ VCM ≤ (VCC - 1.9V)
75
95
dB
Power-Supply Rejection Ratio
PSRR
VCC = 4.5V to 5.5V
63
82
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com