Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9100ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9100ESA
Description  1.0V Micropower SOT23 Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9100ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9100ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
+1.0V Micropower SOT23 Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +1.2V to +5.5V, VCM = 0, and TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = +5.0V
25
Sourcing
(MAX9100)
VCC = +1.2V
3
VCC = +5.0V
28
Output Short-Circuit Current
ISC
Sinking
VCC = +1.2V
3
mA
Output Open-Drain Leakage
Current (MAX9101)
ILKG
VCC = +5.5V
0.02
0.2
µA
Power-Up Time
tPU
250
ns
Input Capacitance
CIN
3pF
Output Rise Time (MAX9100)
trise
CL = 15pF
100
ns
Output Fall Time (Note 4)
tfall
CL = 15pF
100
ns
tpd+
VOVERDRIVE = 50mV, VCC = +5.0V
3.4
tpd-
VOVERDRIVE = 50mV, VCC = +5.0V
4.5
tpd+
VOVERDRIVE = 50mV, VCC = +1.0V
3.3
Propagation Delay (Note 5)
tpd-
VOVERDRIVE = 50mV, VCC = +1.0V
3.7
µs
Note 1: All specifications are 100% production tested at TA = +25
°C. All temperature limits are guaranteed by design.
Note 2: Operation with VCM up to VCC is possible with reduced accuracy. See Input Stage Circuitry and Rail-to-Rail Operation in
the Applications section for more information.
Note 3: Tested over the specified Input Common-Mode Voltage Range and with VCC = +5.5V.
Note 4: Specified with CL = 15pF for MAX9100/MAX9101, and with RPULLUP = 5k
Ω for MAX9101.
Note 5: Input overdrive is defined above and beyond the offset voltage and hysteresis of the comparator input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com