Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4533G-R10-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # A4533G-R10-T
Description  LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A4533G-R10-T Datasheet(HTML) 4 Page - Unisonic Technologies

  A4533G-R10-T Datasheet HTML 1Page - Unisonic Technologies A4533G-R10-T Datasheet HTML 2Page - Unisonic Technologies A4533G-R10-T Datasheet HTML 3Page - Unisonic Technologies A4533G-R10-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A4533
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R107-044.C
TEST CIRCUIT
5
4
3
2
1
6
7
8
9
10
A
ICC
220μF
VCC
VR
RIPPLE
DC
RL
16Ω
4.7Ω
0.1μF
VCC
OUT 2
POWER
GND
OUT 1
MUTE
PS
IN 1
PRE GND
IN 2
REF
220μF
RL
16Ω
0.1μF
4.7Ω
MUTE
PS
UTC A4533
Rg
1kΩ
Rg
1kΩ
SG
2
1
1
2
2
1
3
4
I1
V1
2
3
4
1
V10
I10
22μF
4.7μF
TYPICAL APPLICATON CIRCUIT
5
4
3
2
1
6
7
8
9
10
220μ
VCC
-
RL
16Ω
4.7Ω
0.1μF
VCC
OUT 2
POWER
GND
OUT 1
MUTE
PS
IN 1
PRE GND
IN 2
REF
220μF
RL
16Ω
0.1μF
4.7Ω
MUTE
PS
UTC A4533
22μF
SG
1
ON
1
OFF
OFF
ON
VR
VR
SG
2
+
4.7μF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com