Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9360ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9360ESA
Description  LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9360ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9360ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9360ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9360ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9360ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9360ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9360ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9360ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9360ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9360ESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LVTTL/TTL/CMOS-to-Differential LVECL/
ECL Translators
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—MAX9361
(VCC = 4.5V to 5.5V, VEE = -2.375V to -5.5V, GND = 0, outputs terminated with 50
Ω ±1% to -2.0V. Typical values are at VCC = 5V, VIH
= 2.0V, VIL = 0.8V, unless otherwise noted.) (Notes 1, 2, 3)
-40
°C (SO)
+25
°C
+85
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TTL INPUT (D)
VIN = 2.7V
-30
+30
-30
+30
-30
+30
Input High Current
IIH
VIN = VCC
-10
+10
-10
+10
-10
+10
µA
Input Low Current
IIL
VIN = 0.5V
-200
-55
-200
-61
-200
-71
µA
Input Clamp
Voltage
VIK
IIN = -18mA
-1.2
-1.2
-1.2
V
Input High Voltage
VIH
2.0
2.0
2.0
V
Input Low Voltage
VIL
0.8
0.8
0.8
V
LVECL/ECL OUTPUTS (Q, Q)
Output High
Voltage
VOH
-1.055
-0.880 -1.055
-0.880 -1.025
-0.880
V
Output Low Voltage
VOL
-1.875
-1.555 -1.810
-1.605 -1.810
-1.605
V
Differential Output
Swing (VOH - VOL)
VOH -
VOL
550
699
550
691
550
677
mV
POWER SUPPLY
Power-Supply
Current
ICC
(Note 4)
3.0
7.0
3.5
7.0
4.3
7.0
mA
Internal Chip
Current
IEE
(Note 4)
9
20
10
20
11
20
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com