Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-916-WRT-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-916-WRT-RPS
Description  Adhesive or permanent mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-916-WRT-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-916-WRT-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
™
ANT-916-WRT-xxx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
0.75”
(19.0)
The WRT Series antenna is ideally suited for
applications such as wireless vending, security,
traffic, or power equipment which require an
unobtrusive, tamper-resistant antenna solution.
The tiny 19 x 11mm radome installs through a
small hole on the product and is anchored by a
threaded base. An adhesive foam compression
ring is used to resist the elements. The 1/4-wave
antenna also features an integral counterpoise,
which eliminates the need for a proximity
ground plane. The antenna's coax feed is available with SMA or
RP-SMA terminations. Alternate coax lengths, connectors and
custom colors are available for volume OEM customers.
Electrical specifications and plots measured on 24” x 24” reference ground plane
3.25”
(82.5)
0.207”
(5.26)
0.24”
(6.0)
0.43”
(11.0)
Typical VSWR
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
VSWR Graph
Rev 5-24-10
· Low cost
· Unobtrusive
· Tamper resistant
· Integral counterpoise
· Indoor / outdoor
· Adhesive or permanent mount
· Center Freq.
916MHz
· Recommended Oper. Freq.
900-930MHz
· Wavelength
1/4-wave
· VSWR
<1.9 typ. at center
· Impedance
50 ohms
· Connector
RP-SMA or SMA
· ANT-916-WRT-RPS (with RP-SMA connector)
· ANT-916-WRT-SMA (with SMA connector)
CENTER 916.000MHz
SPAN 200.000MHz
S11 SWR
1.753
RG-174 Cable Length
8.50”
(216.0)
Adhesive Ring
Remove protective plastic
before installation
M11x1.0mm
Thread


Similar Part No. - ANT-916-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-916-WRT-RPS LINX-ANT-916-WRT-RPS Datasheet
1Mb / 12P
915 MHz External Panel-Mount Antenna
2021
More results

Similar Description - ANT-916-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ABM3H-A PANDUIT-ABM3H-A Datasheet
69Kb / 1P
ADHESIVE BACKED MOUNT
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
ADHESIVE BACKED MOUNT
logo
List of Unclassifed Man...
ANT-2.4-WRT-XXX ETC2-ANT-2.4-WRT-XXX Datasheet
859Kb / 1P
Adhesive or permanent mount
ANT-868-WRT-XXX ETC2-ANT-868-WRT-XXX Datasheet
856Kb / 1P
Adhesive or permanent mount
TLS.30.105111 ETC2-TLS.30.105111 Datasheet
4Mb / 12P
Permanent Mount External Antenna
logo
Taoglas antenna solutio...
TLS.20.1F11 TAOGLAS-TLS.20.1F11 Datasheet
6Mb / 13P
Permanent Mount External Antenna
TLS.20.1F21 TAOGLAS-TLS.20.1F21 Datasheet
8Mb / 13P
Permanent Mount External Antenna
TLS.20.105111 TAOGLAS-TLS.20.105111 Datasheet
5Mb / 13P
Permanent Mount External Antenna
logo
Pulse A Technitrol Comp...
RAZ32011AM PULSE-RAZ32011AM Datasheet
2Mb / 19P
GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
logo
Linx Technologies
ANT-433-WRT-RPS LINX-ANT-433-WRT-RPS Datasheet
407Kb / 2P
Adhesive or permanent mount
12/9/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com