Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX944CSD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX944CSD
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX944CSD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX944CSD Datasheet HTML 4Page - Maxim Integrated Products MAX944CSD Datasheet HTML 5Page - Maxim Integrated Products MAX944CSD Datasheet HTML 6Page - Maxim Integrated Products MAX944CSD Datasheet HTML 7Page - Maxim Integrated Products MAX944CSD Datasheet HTML 8Page - Maxim Integrated Products MAX944CSD Datasheet HTML 9Page - Maxim Integrated Products MAX944CSD Datasheet HTML 10Page - Maxim Integrated Products MAX944CSD Datasheet HTML 11Page - Maxim Integrated Products MAX944CSD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
High-Speed, Low-Power, 3V/5V,
Rail-to-Rail Single-Supply Comparators
_______________________________________________________________________________________
9
MAX941
MAX942
MAX944
2.5k
2.5k
TO INTERNAL
CIRCUITRY
TO INTERNAL
CIRCUITRY
IN–
IN+
ISOURCE
ISINK
VCC
0V
OUTPUT
MAX941
MAX942
MAX944
ANALOG IN
VSS
SERIAL
DIGITAL
INPUT
MAX512
VDD
SDI
DACOUTC
VDD = 3.3V
VREFC
8-BIT DAC
GND
MAX941
0V
3V
CLEAN
DIGITAL
SIGNAL
10k
20k
20k
V+ = 3V
COAX LINE
MAX941
Figure 3. Input Stage Circuitry
Figure 4. Output Stage Circuitry
Figure 5. 3.3V Digitally Controlled Threshold Detector
Figure 6. Line Transceiver Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com