Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX970EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX970EEE
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX970EEE Datasheet HTML 4Page - Maxim Integrated Products MAX970EEE Datasheet HTML 5Page - Maxim Integrated Products MAX970EEE Datasheet HTML 6Page - Maxim Integrated Products MAX970EEE Datasheet HTML 7Page - Maxim Integrated Products MAX970EEE Datasheet HTML 8Page - Maxim Integrated Products MAX970EEE Datasheet HTML 9Page - Maxim Integrated Products MAX970EEE Datasheet HTML 10Page - Maxim Integrated Products MAX970EEE Datasheet HTML 11Page - Maxim Integrated Products MAX970EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
8
_______________________________________________________________________________________
OUTB
OUTA
INA-
INA+
INB-
INB+
REF
OUTC
VCC
VCC
OUTD
IND+
IND-
INC+
INC-
+
1.235V
GND
HYST
OUTB
OUTA
INA-
INA+
INB-
INB+
OUTC
OUTD
IND+
IND-
INC+
INC-
GND
MAX969
MAX970
VCC
VCC
OUT
IN+
OUTA
INA+
GND
GND
GND
INA-
INB+
INB-
OUTB
OUTA
INA+
REF
REF
REF
REF
REF
VCC
VCC
1.235V
1.235V
INB-
HYST
OUTB
OUTA
INA+
REF
INB+
HYST
OUTB
IN-
HYST
REF
+
GND
1.235V
MAX965
MAX968
MAX967
MAX966
________________________________________________________Functional Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com