Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX978EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX978EEE
Description  Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX978EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX978EEE Datasheet HTML 1Page - Maxim Integrated Products MAX978EEE Datasheet HTML 2Page - Maxim Integrated Products MAX978EEE Datasheet HTML 3Page - Maxim Integrated Products MAX978EEE Datasheet HTML 4Page - Maxim Integrated Products MAX978EEE Datasheet HTML 5Page - Maxim Integrated Products MAX978EEE Datasheet HTML 6Page - Maxim Integrated Products MAX978EEE Datasheet HTML 7Page - Maxim Integrated Products MAX978EEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Single/Dual/Quad, SOT23, Single-Supply,
High-Speed, Low-Power Comparators
_______________________________________________________________________________________
5
MAX978
3
3
MAX976
IN_+
2
4
IN_-
Comparator Inverting Input
2, 4, 6, 8
2, 4
4
2
GND
6
1
OUT_
Comparator Output
10, 11,
14, 15
6, 7
NAME
Ground
9, 13
5
Comparator Noninverting Input
1, 3, 5, 7
1, 3
7
6
VCC
Supply Voltage, +2.7V to +5.5V
12, 16
8
1, 5
—
N.C.
8
5
SHDN
Shutdown Input. Drive low for shutdown mode. Drive high or con-
nect to VCC for normal operation.
—
—
No Connection. Not internally connected.
—
—
FUNCTION
MAX998
PIN
SOT23-6
SO
SO/µMAX
SO/QSOP
______________________________________________________________Pin Description
__________________Detailed Description
The MAX976/MAX978/MAX998 dual/quad/single com-
parators operate from a single +2.7V to +5.5V supply.
They achieve a 20ns propagation delay while consum-
ing only 225µA of supply current per comparator. The
MAX998 features a low-power shutdown mode that
places the output in a high-impedance state and
reduces supply current to 1nA. Activate shutdown
mode by driving SHDN low.
The MAX976/MAX978/MAX998 comparator inputs have
a common-mode voltage range of -0.2V to (VCC - 1.2V).
Either input can be driven to the Absolute Maximum
Ratings limit without false output inversion, as long as
the other input is within the Common-Mode Voltage
Range. Their push/pull output structure is capable of
rail-to-rail operation without external pull-up circuitry,
making these devices ideal for interfacing with
CMOS/TTL logic. All inputs and outputs can tolerate a
continuous short-circuit fault condition to either supply.
The comparator’s internal hysteresis ensures clean out-
put switching, even with slow-moving input signals.
______________________________Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0V, TA = +25°C, unless otherwise noted.)
SHDN
2V/div
200ns/div
SHUTDOWN DELAY TIME
VOUT
2V/div
MAX976 TOC16
VIN+ > VIN-
SHDN
2V/div
5
µs/div
WAKE-UP FROM SHUTDOWN
VOUT
2V/div
MAX976 TOC17
VIN+ > VIN-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com