Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX973C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX973C/D
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX973C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX973C/D Datasheet HTML 9Page - Maxim Integrated Products MAX973C/D Datasheet HTML 10Page - Maxim Integrated Products MAX973C/D Datasheet HTML 11Page - Maxim Integrated Products MAX973C/D Datasheet HTML 12Page - Maxim Integrated Products MAX973C/D Datasheet HTML 13Page - Maxim Integrated Products MAX973C/D Datasheet HTML 14Page - Maxim Integrated Products MAX973C/D Datasheet HTML 15Page - Maxim Integrated Products MAX973C/D Datasheet HTML 16Page - Maxim Integrated Products MAX973C/D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
______________________________________________________________________________________
13
MAX973
MAX983
V+
7
3.3V
LOGIC
SUPPLY
10k
Ω
20k
Ω
2.4M
Ω
LOW BATT
OUTB 8
REF 6
HYST 5
2
V-
R2
47k
Ω
R1
110k
Ω
STEP-DOWN
REGULATOR
3 INA+
1 OUTA
4 INB-
1M
Ω
BATTERY
(4 CELLS)
953k
Ω
Q1
9V DC
WALL
ADAPTER
470k
Ω
DC OK
INB+
INB-
INC+
INC-
IND+
IND-
INA+
INA-
4
5
3
7
6
11
10
13
12
OUTA 2
1
16
15
8
OUTB
OUTC
OUTD
9
14
10k
Ω
V+
GND
MAX974
MAX984
5V
3.3V
10k
Ω
10k
Ω
10k
Ω
REF
V-
N.C.
-5V
VINA
VINB
VINC
VIND
Figure 6. Battery Switchover Circuit
Figure 7. Level Shifter: ±5V Input to Single-Ended 3.3V Output
UCSP Applications Information
For the latest application details on UCSP contruction,
dimensions, tape carrier information, printed circuit
board
techniques,
bump-pad
layout
and
recommended reflow temperature profile as well as the
latest information on reliability testing results, go to
Maxim’s web site at www.maxim-ic.com/ucsp to find
the Application Note: UCSP–A Wafer-Level Chip-Scale
Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com