Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED-S12PW3C Datasheet(PDF) 1 Page - HB Electronic Components

Part # LED-S12PW3C
Description  Highest Flux White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-S12PW3C Datasheet(HTML) 1 Page - HB Electronic Components

  LED-S12PW3C Datasheet HTML 1Page - HB Electronic Components LED-S12PW3C Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED SPECIFICATION
Page: 1 of 2
Part No.: S12PW3C
Features:
Highest Flux White
High reliability and Very long operating life
(up to 100K hours)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
NO UV
Superior ESD protection
RoHS Compliant
Typical Applications:
Reading lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Automotive Exterior (Stop-Tail-Turn,
CHMSL, Mirror Side Repeat)
Decorative
NOTE:
All dimensions are millimeter.
Tolerance is ±0.25mm unless noted
Radiation Angle
DIRECTIVITY
0°
0°
0
90°
30°
60°
Ta=25°C
IF=350mA
0.5
1.0
0.5
90°
1.0
30°
60°
Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION


Similar Part No. - LED-S12PW3C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
LED-S12EB7C HB-LED-S12EB7C Datasheet
85Kb / 3P
Highest Flux Blue
LED-S12LG2C HB-LED-S12LG2C Datasheet
329Kb / 3P
Highest Flux Pure Green
LED-S12LR2C HB-LED-S12LR2C Datasheet
177Kb / 2P
Highest Flux Red
LED-S12LY9C HB-LED-S12LY9C Datasheet
167Kb / 2P
Highest Flux Yellow
LED-S12N3W6C HB-LED-S12N3W6C Datasheet
86Kb / 2P
Highest Flux White
More results

Similar Description - LED-S12PW3C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12NW6C HB-E12NW6C Datasheet
270Kb / 4P
Highest Flux White
S12NW6C HB-S12NW6C Datasheet
164Kb / 4P
Highest Flux White
S30NW6C HB-S30NW6C Datasheet
227Kb / 4P
Highest Flux White
S51NW6C HB-S51NW6C Datasheet
280Kb / 4P
Highest Flux White
S70NW6C HB-S70NW6C Datasheet
137Kb / 4P
Highest Flux White
20VAL12HW6C HB-20VAL12HW6C Datasheet
116Kb / 2P
Highest Flux
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
Highest Luminous Flux
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
LED-E12PW3C HB-LED-E12PW3C Datasheet
53Kb / 2P
Highest Flux White
LED-S12N3W6C HB-LED-S12N3W6C Datasheet
86Kb / 2P
Highest Flux White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com