Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCC2XW6 Datasheet(PDF) 5 Page - HB Electronic Components

Part # PLCC2XW6
Description  Package dimensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2XW6 Datasheet(HTML) 5 Page - HB Electronic Components

  PLCC2XW6 Datasheet HTML 1Page - HB Electronic Components PLCC2XW6 Datasheet HTML 2Page - HB Electronic Components PLCC2XW6 Datasheet HTML 3Page - HB Electronic Components PLCC2XW6 Datasheet HTML 4Page - HB Electronic Components PLCC2XW6 Datasheet HTML 5Page - HB Electronic Components PLCC2XW6 Datasheet HTML 6Page - HB Electronic Components PLCC2XW6 Datasheet HTML 7Page - HB Electronic Components PLCC2XW6 Datasheet HTML 8Page - HB Electronic Components PLCC2XW6 Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Technical Data Sheet
Top View LED
Prepared date:Feb. 2011
Rev.:2
Page 5 of 12
Bin range of Chromaticity Coordinates (tolerance is ±0.005 @ IF=20mA):
Code
CCT(K)
X
Y
Code
CCT(K)
X
Y
D25
5000~5300
0.3387
0.3832
D19
5300~5700
0.3287
0.3748
0.3486
0.3915
0.3387
0.3832
0.3477
0.3807
0.3382
0.3729
0.3382
0.3729
0.3288
0.3650
D26
5000~5300
0.3382
0.3729
D20
5300~5700
0.3288
0.3650
0.3477
0.3807
0.3382
0.3729
0.3468
0.3700
0.3378
0.3626
0.3378
0.3626
0.3289
0.3552
D27
5000~5300
0.3378
0.3626
D21
5300~5700
0.3289
0.3552
0.3468
0.3700
0.3378
0.3626
0.3458
0.3593
0.3374
0.3523
0.3374
0.3523
0.3290
0.3453
D28
5000~5300
0.3374
0.3523
D22
5300~5700
0.3290
0.3453
0.3458
0.3593
0.3374
0.3523
0.3449
0.3485
0.3370
0.3420
0.3370
0.3420
0.3291
0.3554
D29
5000~5300
0.3370
0.3420
D23
5300~5700
0.3291
0.3554
0.3449
0.3485
0.3370
0.3420
0.3440
0.3378
0.3366
0.3317
0.3366
0.3317
0.3292
0.3255
D30
5000~5300
0.3366
0.3317
D24
5300~5700
0.3292
0.3255
0.3440
0.3378
0.3366
0.3317
0.3430
0.3271
0.3362
0.3214
0.3362
0.3214
0.3293
0.3156
D13
5700~600
0.3196
0.3666
D16
5700~6000
0.3215
0.3387
0.3287
0.3748
0.3290
0.3453
0.3288
0.3650
0.3291
0.3554
0.3203
0.3574
0.3222
0.3294
D14
5700~6000
0.3203
0.3574
D17
5700~6000
0.3222
0.3294
0.3288
0.3650
0.3291
0.3554
0.3289
0.3552
0.3292
0.3255
0.3209
0.3481
0.3228
0.3200
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com