Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCC4XRGBCT Datasheet(PDF) 5 Page - HB Electronic Components

Part # PLCC4XRGBCT
Description  High luminous Intensity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC4XRGBCT Datasheet(HTML) 5 Page - HB Electronic Components

  PLCC4XRGBCT Datasheet HTML 1Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 2Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 3Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 4Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 5Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 6Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 7Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 8Page - HB Electronic Components PLCC4XRGBCT Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Reliability
1. Test Items And Results
Test Item
Test Conditions
Note
Number of
Damaged
Reflow Soldering
Tsld=260℃,10 sec
(pre treatment 30℃,70%,168hrs)
3 time
0/100
High Temperature Storage TA=100℃
1000 Hrs
0/100
Low Temperature Storage T
A=-40℃
1000 Hrs
0/100
Temperature Humidity
Storage
TA=85℃,
RH=90%RH
1000 Hrs
0/100
Thermal Shock Test
-40℃ ~ 100℃
15min 15 min
300
Cycles
0/100
Temperature Cycling Test -40 ℃ ~25 ℃ ~85 ℃ ~25 ℃
30min
5min
30min
5min
160
Cycles
0/100
Operating Life Test
TA=25℃ IF=120mA
1000 Hrs
0/100
2. Criteria for Judging The Damage
Item
Symbol
Test Conditions
Criteria for Judgment
Min.
Max.
Forward Voltage
VF
IF =20mA
---
Initial Data ×1.1
Luminous Intensity
IV
IF =20 mA
Initial Data × 0.8
---
Reverse Current
IR
VR = 5V
---
≦
1μA
Technical Data Sheet
Top View LED
Hebei I.T. (Shanghai) Co., Lt
Part No: PLCC4XRGBCT
d.
www.ledz.com
Page 5 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com