Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA3428-N24-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA3428-N24-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3428-N24-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA3428-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3428-N24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PA3428
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-242.A
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
GND/HS
GAIN0
GAIN1
LOUT+
LLINEIN
LHPIN
PVDD
RIN
LOUT-
LIN
24 GND/HS
RLINEIN
ROUT+
RHPIN
VDD
PVDD
HP/LINE
ROUT-
SE/BTL
23
22
21
20
19
18
17
16
15
11
BYPASS
12
GND/HS
14 PC-BEEP
13 GND/HS
SHUTDOWN
PA3427
PIN DESCRIPTION
PIN NO
PIN NAME
I/O
DESCRIPTION
1,12,13,24
GND/HS
Ground, connected to thermal pad directly.
11
BYPASS
Connected to voltage divider
2
GAIN0
I
For gain control: Bit 0
3
GAIN1
I
For gain control: Bit 1
5
LLINEIN
I
Line input for Left channel, available when pin17 is held low.
6
LPHIN
I
Headphone input Left channel, available when pin17 is held high.
7,18
PVDD
I
Supply voltage
8
RIN
I
Differential input for Right channel. And for single-ended inputs is also AC
ground.
10
LIN
I
Differential input for Left channel. And for single-ended inputs is also AC
ground.
14
PC-BEEP
I
PC-BEEP mode input. When at least eight continuous > 1-VPP square
waves is input to this pin, PC-BEEP is enabled.
15
SE/BTL
I
Low for BTL mode, high for SE mode.
17
HP/ LINE
I
Input of MUX control. Being high to select the inputs of Pin6, 20, and low to
select inputs of PIN 5, 23.
19
VDD
Analog VDD Supply voltage
20
RHPIN
I
Right channel headphone input, selected when HP/LINE pin is held high.
22
SHUTDOWN
I
in shutdown mode when held low, expect PC-BEEP remains active.
23
RLINEIN
I
Headphone input right channel, available when pin17 is held low.
4
LOUT+
O
Positive output for Left channel in BTL mode, positive output in SE mode.
9
LOUT-
O
Negative output for Left channel, and high impedance in SE mode.
16
ROUT-
O
Negative output for Right channel, and high impedance in SE mode.
21
ROUT+
O
Positive output for right channel in BTL mode, positive output in SE mode.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com